Electronic Components Datasheet Search
  English  ▼

X  

UT62L1024LS-35LL Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # UT62L1024LS-35LL
Description  128K X 8 BIT LOW POWER CMOS SRAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UT62L1024LS-35LL Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button UT62L1024LS-35LL Datasheet HTML 6Page - List of Unclassifed Manufacturers UT62L1024LS-35LL Datasheet HTML 7Page - List of Unclassifed Manufacturers UT62L1024LS-35LL Datasheet HTML 8Page - List of Unclassifed Manufacturers UT62L1024LS-35LL Datasheet HTML 9Page - List of Unclassifed Manufacturers UT62L1024LS-35LL Datasheet HTML 10Page - List of Unclassifed Manufacturers UT62L1024LS-35LL Datasheet HTML 11Page - List of Unclassifed Manufacturers UT62L1024LS-35LL Datasheet HTML 12Page - List of Unclassifed Manufacturers UT62L1024LS-35LL Datasheet HTML 13Page - List of Unclassifed Manufacturers UT62L1024LS-35LL Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
UTRON
UT62L1024
Rev. 1.7
128K X 8 BIT LOW POWER CMOS SRAM
UTRON TECHNOLOGY INC.
P80033
1F, No. 11, R&D Rd. II, Science-Based Industrial Park, Hsinchu, Taiwan, R. O. C.
TEL: 886-3-5777882 FAX: 886-3-5777919
12
ORDERING INFORMATION
PART NO.
ACCESS TIME
(ns)
STANDBY CURRENT
(
µA) (max) Ta = 50℃
PACKAGE
UT62L1024PC-35L
35
20
32 PIN PDIP
UT62L1024PC-35LL
35
10
32 PIN PDIP
UT62L1024PC-55L
55
20
32 PIN PDIP
UT62L1024PC-55LL
55
10
32 PIN PDIP
UT62L1024PC-70L
70
20
32 PIN PDIP
UT62L1024PC-70LL
70
10
32 PIN PDIP
UT62L1024SC-35L
35
20
32 PIN SOP
UT62L1024SC-35LL
35
10
32 PIN SOP
UT62L1024SC-55L
55
20
32 PIN SOP
UT62L1024SC-55LL
55
10
32 PIN SOP
UT62L1024SC-70L
70
20
32 PIN SOP
UT62L1024SC-70LL
70
10
32 PIN SOP
UT62L1024LC-35L
35
20
32 PIN TSOP-I
UT62L1024LC-35LL
35
10
32 PIN TSOP-I
UT62L1024LC-55L
55
20
32 PIN TSOP-I
UT62L1024LC-55LL
55
10
32 PIN TSOP-I
UT62L1024LC-70L
70
20
32 PIN TSOP-I
UT62L1024LC-70LL
70
10
32 PIN TSOP-I
UT62L1024LS-35L
35
20
32 PIN STSOP
UT62L1024LS-35LL
35
10
32 PIN STSOP
UT62L1024LS-55L
55
20
32 PIN STSOP
UT62L1024LS-55LL
55
10
32 PIN STSOP
UT62L1024LS-70L
70
20
32 PIN STSOP
UT62L1024LS-70LL
70
10
32 PIN STSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com