Electronic Components Datasheet Search
  English  ▼

X  

1413 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 1413
Description  Bulk Metal Foil Technology 8 Pin Transistor Outline Hermetic Resistor Network
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1413 Datasheet(HTML) 1 Page - Vishay Siliconix

  1413 Datasheet HTML 1Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.vishay.com
121
1413
Vishay Foil Resistors
Document Number: 63039
Revision 30-Jul-02
VISHAY FOIL • FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31
• GERMANY +49.9287.710 FAX: +49 9287.70435
• ISRAEL +972.3.557.0945 FAX: +972.3.558.9121
• ITALY + 39.2.300.11919 FAX: +39.2.300.11999
• JAPAN +81.42.729.0661 FAX: +81.42.729.3400
• SINGAPORE +65.788.6668 FAX: +65.788.0988
• SWEDEN +46.8.594.70590 FAX: +46.8.594.70581
• UK +44 191 514 8237 FAX: +44 1953 457 722
• USA +1 610 407-4800 FAX: +1 610 640-9081
Bulk Metal
® Foil Technology
8 Pin Transistor Outline Hermetic Resistor Network
NOTE: Usable area is represented by the dotted lines— a square 0.150 Inches x 0.150 Inches. Illustrations not to scale.
Chips shown undersize for clarity. Drawing view is from the top looking down into the package.
7
8
4
7
8
1
4,5
6
5
1
7
8
5
R1
R2
5
4
8
1
4
5
4
5
1
8
6
5
2
7
8
R1
R2
R1 R2 R3
8
1
8
1
R1
R2
R3
R1
R2
R3
R1
R2
R1
R2
R1 R2
R3
76
2
3
7
6
2
3
7
6
23
7
6
2
3
THREE RESISTOR ARRAY, CASE ISOLATED
THREE RESISTORS, CASE ISOLATED
TWO RESISTORS, CASE GROUNDED
TWO RESISTOR VOLTAGE DIVIDER, CASE ISOLATED
FIGURE 2 - SAMPLE CIRCUIT DESIGNS AND CHIP LAYOUTS
The eight pin TO-5 package with a 0.200" pin circle, is the most
popular package for uncomplicated networks. This network can
contain up to 9, V5X5 resistor chips.
Review data sheet “7 Technical Reasons to Specify Bulk
Metal® Foil Resistor Networks.”
ORDERING INFORMATION - 1413 PARTS
Networks are built to your requirements. Send your schematic
and electrical requirements to the Applications Engineering
Department. (See data sheet “Network Worksheet.”) A unique
part number will be assigned which defines all aspects of your
network.
3
2
1
8
7
6
5
4
0.305 –0.335
(7.75 –8.51)
0.500
(12.7)
MINIMUM
0.200
(5.08)
MAXIMUM
0.015 –0.040
(0.38 –1.02)
8 LEADS
0.016 –0.019
(0.41 –0.48)
0.350 –0.370
(8.89 –9.39)
DIAMETER
0.200
(5.08)
STAND - OFF
(optional)
0.028 –0.034
(0.711 –0.864)
0.020 –0.045
(0.508 –1.14)
45˚
EQUALLY
SPACED
(VIEWED FROM BOTTOM)
VISHAY
CHIP
MAXIMUM POWER RATING
MODEL NUMBER
CAPACITY
(WATTS) @ +70
°C
V15X5 - 3 chips
1413
0.4 Watt
V5X5 - 9 chips
NOTE:
1. These networks utilize Vishay Bulk Metal
® Foil resistor
chips V5X5 and V15X5 or VTF15X5 Thin Film chips.
2. The V5X5 and V15X5 chips have maximum resistance
values of 10K and 33K respectively in Bulk Metal
® Foil
and 500K in VTF15X5 Thin Film chips.
3. The V5X5 and V15X5 chip(s) can be intermixed in a
package.
FIGURE 1 - STANDARD DIMENSIONS in inches (millimeters)
Product may not
be to scale
TYPICAL


Similar Part No. - 1413

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1413 HAMMOND-1413 Datasheet
50Kb / 1P
Peinture de retouche en aerosol
logo
List of Unclassifed Man...
1413 ETC2-1413 Datasheet
493Kb / 1P
Space saving design for high density packaging
logo
IET Labs Inc.
1413 IET-1413 Datasheet
240Kb / 2P
Precision Decade Capacitor
Aug. 2015
logo
Abbatron All Rights Res...
1413 ABBATRON-1413 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Keystone Electronics Co...
1413 KEYSTONE-1413 Datasheet
485Kb / 1P
MICRO JACKS
31-07 20th
More results

Similar Description - 1413

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1401 VISHAY-1401 Datasheet
51Kb / 1P
Bulk Metal® Foil Technology 3 Pin Transistor Outline Hermetic Resistor Network
31-Jul-02
1403 VISHAY-1403 Datasheet
62Kb / 1P
Bulk Metal Foil Technology 4 Pin Transistor Outline Hermetic Resistor Network
31-Jul-02
1476 VISHAY-1476 Datasheet
117Kb / 1P
Bulk Metal Foil Technology 30 Pin Flatpack Hermetic Resistor Network
26-Mar-02
1401 VISHAY-1401_08 Datasheet
102Kb / 2P
Bulk Metal® Foil Technology 3 Pin Transistor Outline Hermetic Resistor Network
02-Mar-05
1403 VISHAY-1403_08 Datasheet
114Kb / 2P
Bulk Metal® Foil Technology 4 Pin Transistor Outline Hermetic Resistor Network
02-Mar-05
1413 VISHAY-1413_08 Datasheet
119Kb / 2P
Bulk Metal® Foil Technology 8 Pin Transistor Outline Hermetic Resistor Network
08-Mar-05
1417 VISHAY-1417 Datasheet
130Kb / 2P
Bulk Metal® Foil Technology 8 Pin Transistor Outline Hermetic Resistor Network
07-Mar-05
1419 VISHAY-1419 Datasheet
111Kb / 2P
Bulk Metal® Foil Technology 10 Pin Transistor Outline Hermetic Resistor Network
08-Mar-05
1421 VISHAY-1421 Datasheet
104Kb / 2P
Bulk Metal® Foil Technology 12 Pin Transistor Outline Hermetic Resistor Network
08-Mar-05
1422 VISHAY-1422 Datasheet
104Kb / 2P
Bulk Metal® Foil Technology 16 Pin Transistor Outline Hermetic Resistor Network
08-Mar-05
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com