Electronic Components Datasheet Search
  English  ▼

X  

MX839P Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # MX839P
Description  Digitally Controlled Analog I/O Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MX839P Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button MX839P Datasheet HTML 9Page - List of Unclassifed Manufacturers MX839P Datasheet HTML 10Page - List of Unclassifed Manufacturers MX839P Datasheet HTML 11Page - List of Unclassifed Manufacturers MX839P Datasheet HTML 12Page - List of Unclassifed Manufacturers MX839P Datasheet HTML 13Page - List of Unclassifed Manufacturers MX839P Datasheet HTML 14Page - List of Unclassifed Manufacturers MX839P Datasheet HTML 15Page - List of Unclassifed Manufacturers MX839P Datasheet HTML 16Page - List of Unclassifed Manufacturers MX839P Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Digitally Controlled Analog I/O Processor
13
MX839 PRELIMINARY INFORMATION
© 1998 MX
xCOM Inc.
www.mxcom.com Tele: 800 638-5577 336 744-5050
Fax: 336 744-5054
Doc. # 20480164.002
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
4.8
Read Only Register Description
4.8.1
IRQ FLAGS Register (Hex Address $D1)
HIRQF1 (Bit 1)
HIRQF2 (Bit 3)
HIRQF3 (Bit 5)
HIRQF4 (Bit 7)
These bits are set if the relevant digital magnitude comparator input exceeds its upper reference level.
These bits are reset to '0' immediately after reading the IRQ FLAGS register. When any of these bits
are set, an interrupt will be generated if the relevant reference level is not zero.
LIRQF1 (Bit 0)
LIRQF2 (Bit 2)
LIRQF3 (Bit 4)
LIRQF4 (Bit 6)
These bits are set if the relevant digital magnitude comparator input falls below its lower reference
level. These bits are reset to '0' immediately after reading the IRQ FLAGS register. When any of
these bits are set, an interrupt will be generated if the relevant reference level is not zero.
Table 9: IRQ FLAGS Register (Hex Address $D1)
4.8.2
A/D DATA1 Register (Hex Address $DC)
4.8.3
A/D DATA2 Register (Hex Address $DD)
4.8.4
A/D DATA3 Register (Hex Address $DE)
4.8.5
A/D DATA4 Register (Hex Address $DF)
This data will consist of two bytes each. Bit 7 to Bit 2 of the second data byte will be set to '0'. Bits 0-7 of the first byte are
the lease significant 8 bits while Bits 0-1 of the second byte are the most significant 2 bits of the 10 bit conversion.
The analog input (VIN) is converted to a 10-bit digital word (w) according to:
1024
×
AV
V
=
w
DD
IN
The bits of word (w) are returned in 2 bytes as follows:
7654321
0
Return Byte 1
w7
w6
w5
w4
w3
w2
w1
w0
Return Byte 2
000000
w9
w8
5
Application
5.1
C-Bus Clock
Although this is specified as a 500kHz clock for compatibility with other C-BUS devices, the MX839 C-BUS will operate
over a much wider range. Users should ensure that the C-BUS clock is at least 4 times slower than the crystal or external
clock on Pin 2 of the MX839.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com