Electronic Components Datasheet Search
  English  ▼

X  

SS2PH6 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SS2PH6
Description  Ideal for automated placement
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS2PH6 Datasheet(HTML) 2 Page - Vishay Siliconix

  SS2PH6 Datasheet HTML 1Page - Vishay Siliconix SS2PH6 Datasheet HTML 2Page - Vishay Siliconix SS2PH6 Datasheet HTML 3Page - Vishay Siliconix SS2PH6 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SS2PH5, SS2PH6
www.vishay.com
Vishay General Semiconductor
Revision: 28-Jan-15
2
Document Number: 87741
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Free air, mounted on recommended PCB, 2 oz. pad area; thermal resistance RJA - junction to ambient, RJM - junction to mount
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Typical Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Leakage Characteristics
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SS2PH5
SS2PH6
UNIT
Typical thermal resistance
RJA (1)
130
°C/W
RJM (1)
20
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SS2PH6-M3/84A
0.024
84A
3000
7" diameter plastic tape and reel
SS2PH6-M3/85A
0.024
85A
10 000
13" diameter plastic tape and reel
SS2PH6HM3/84A (1)
0.024
84A
3000
7" diameter plastic tape and reel
SS2PH6HM3/85A (1)
0.024
85A
10 000
13" diameter plastic tape and reel
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
0
255075
100
125
150
175
Mount Temperature (
°C)
T
M measured at cathode terminal
PCB mount
R
thJM = 20 °C/W
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
2.2 2.4
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 1.0
D = 0.8
D = tp/T
T
tp
0.01
0.1
1
10
100
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3
Instantaneous Forward Voltage (V)
T
A = 150 °C
T
A = 25 °C
T
A = 100 °C
T
A = 125 °C
T
A = 175 °C
0.001
0.01
0.1
1
10
100
1000
10 000
10
20
30
40
50
60
70
80
90
100
Percent of Rated Peak Reverse Voltage (%)
T
A = 150 °C
T
A = 125 °C
T
A = 100 °C
T
A = 25 °C
T
A = 175 °C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com