Electronic Components Datasheet Search
  English  ▼

X  

NTP35N15 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTP35N15
Description  Power MOSFET 37 Amps, 150 Volts
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTP35N15 Datasheet(HTML) 2 Page - ON Semiconductor

  NTP35N15 Datasheet HTML 1Page - ON Semiconductor NTP35N15 Datasheet HTML 2Page - ON Semiconductor NTP35N15 Datasheet HTML 3Page - ON Semiconductor NTP35N15 Datasheet HTML 4Page - ON Semiconductor NTP35N15 Datasheet HTML 5Page - ON Semiconductor NTP35N15 Datasheet HTML 6Page - ON Semiconductor NTP35N15 Datasheet HTML 7Page - ON Semiconductor NTP35N15 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NTP35N15
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
(VGS = 0 Vdc, ID = 250 µAdc)
Temperature Coefficient (Positive)
V(BR)DSS
150
−
−
240
−
−
Vdc
mV/
°C
Zero Gate Voltage Collector Current
(VGS = 0 Vdc, VDS = 150 Vdc, TJ = 25°C)
(VGS = 0 Vdc, VDS = 150 Vdc, TJ = 125°C)
IDSS
−
−
−
−
5.0
50
µAdc
Gate−Body Leakage Current (VGS = ± 20 Vdc, VDS = 0)
IGSS
−
−
±100
nAdc
ON CHARACTERISTICS
Gate Threshold Voltage
VDS = VGS, ID = 250 µAdc)
Temperature Coefficient (Negative)
VGS(th)
2.0
−
2.9
−8.56
4.0
−
Vdc
mV/
°C
Static Drain−to−Source On−State Resistance
(VGS = 10 Vdc, ID = 18.5 Adc)
(VGS = 10 Vdc, ID = 18.5 Adc, TJ = 125°C)
RDS(on)
−
−
0.042
−
0.050
0.120
Ω
Drain−to−Source On−Voltage
(VGS = 10 Vdc, ID = 18.5 Adc)
VDS(on)
−
1.55
1.78
Vdc
Forward Transconductance (VDS = 10 Vdc, ID = 18.5 Adc)
gFS
−
26
−
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(V
25 Vd
V
0Vd
Ciss
−
2275
3200
pF
Output Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
−
450
650
Reverse Transfer Capacitance
f = 1.0 MHz)
Crss
−
90
175
SWITCHING CHARACTERISTICS (Notes 2. & 3.)
Turn−On Delay Time
td(on)
−
20
35
ns
Rise Time
(VDD = 120 Vdc, ID = 37 Adc,
VGS =10Vdc
tr
−
125
225
Turn−Off Delay Time
VGS = 10 Vdc,
RG = 9.1 Ω)
td(off)
−
90
175
Fall Time
RG
9.1
Ω)
tf
−
120
210
Gate Charge
(V
120 Vd
I
37 Ad
Qtot
−
70
100
nC
(VDS = 120 Vdc, ID = 37 Adc,
VGS = 10 Vdc)
Qgs
−
14
−
VGS = 10 Vdc)
Qgd
−
32
−
BODY−DRAIN DIODE RATINGS (Note 2.)
Forward On−Voltage
(IS = 37 Adc, VGS = 0 Vdc)
(IS = 37 Adc, VGS = 0 Vdc, TJ = 125°C)
VSD
−
−
1.00
0.88
1.5
−
Vdc
Reverse Recovery Time
(I
37 Ad
V
0Vd
trr
−
170
−
ns
(IS = 37 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
ta
−
112
−
dIS/dt = 100 A/µs)
tb
−
58
−
Reverse Recovery Stored Charge
QRR
−
1.14
−
µC
2. Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
3. Switching characteristics are independent of operating junction temperature.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com