Electronic Components Datasheet Search
  English  ▼

X  

OM184SC Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # OM184SC
Description  7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM184SC Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  OM184SC Datasheet HTML 1Page - List of Unclassifed Manufacturers OM184SC Datasheet HTML 2Page - List of Unclassifed Manufacturers OM184SC Datasheet HTML 3Page - List of Unclassifed Manufacturers OM184SC Datasheet HTML 4Page - List of Unclassifed Manufacturers OM184SC Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3.3 - 3
3.3
OM183SC - OM186ST - OM186SR
TYPICAL PERFORMANCE CHARACTERISTICS
2
1
0
0123456789 10
Output Current (A)
OM183SC Dropout Voltage
T
J = 25°C
0.10
0.05
0
-0.05
-0.10
-0.15
-0.20
-50 -25
0
25 50 75 100 125 150
Temperature (°C)
OM183SC Load Regulation
I = 7.5A
0.10
0.05
0
-0.05
-0.10
-0.15
-0.20
-50 -25
0
25 50 75 100 125 150
Temperature (°C)
OM184SC Load Regulation
I = 5A
2
1
0
01
2
Output Current (A)
OM186ST Dropout Voltage
T
J = 25°C
0.10
0.05
0
-0.05
-0.10
-0.15
-0.20
-50 -25
0
25 50 75 100 125 150
Temperature (°C)
OM185ST Load Regulation
I = 3A
2
1
0
0
123456
Output Current (A)
OM184SC Dropout Voltage
T
J = 25°C
2
1
0
01
234
Output Current (A)
OM185ST Dropout Voltage
T
J = 25°C
12
10
8
6
4
2
0
5
0
101520253035
Input/Output Differential (V)
OM183SC Short Circuit Current
T
J = 150°C
T
J = -55°C
I
FULL LOAD
T
J = 25°C
10
9
8
6
6
5
4
3
2
1
0
5
0
10
15
20
25
30
35
Input/Output Differential (V)
OM184SC Short Circuit Current
T
J = 25°C
T
J = -55°C
I
FULL LOAD
T
J = 150°C
6
5
4
3
2
1
0
5
0
10
15
20
25
30
35
Input/Output Differential (V)
OM185ST Short Circuit Current
T
J = 25°C
T
J = -55°C
I
FULL LOAD
T
J = 150°C
0.10
0.05
0
-0.05
-0.10
-0.15
-0.20
-50 -25
0
25 50 75 100 125 150
Temperature (°C)
OM186ST Load Regulation
I = 3A
3.0
2.5
2.0
1.5
1
.5
0
5
0
10
15
20
25
30
35
Input/Output Differential (V)
OM186ST Short Circuit Current
T
J = 25°C
T
J = -55°C
I
FULL LOAD
T
J = 150°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com