Electronic Components Datasheet Search
  English  ▼

X  

OM7502SC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OM7502SC
Description  DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM7502SC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OM7502SC Datasheet HTML 1Page - List of Unclassifed Manufacturers OM7502SC Datasheet HTML 2Page - List of Unclassifed Manufacturers OM7502SC Datasheet HTML 3Page - List of Unclassifed Manufacturers OM7502SC Datasheet HTML 4Page - List of Unclassifed Manufacturers OM7502SC Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3.3 - 121
3.3
OM7500SC
Dual 5V, 12V and 15V, 1.5 Amp Fixed
Voltage Regulators In Single Hermetic
MO-078AA Package
4 11 R4
Supersedes 1 07 R3
DUAL POSITIVE AND NEGATIVE FIXED
VOLTAGE REGULATORS
FEATURES
• Positive And Negative Regulators In One Package
• Hermetic 5-Pin Metal Package, JEDEC MO-078AA
• Isolated Case
• Output Voltages 5V, 12V and 15V; Other Voltages Available
• Output Voltages Set Internally To ±2.0%
• Built-In Thermal Overload Protection
• Short Circuit Current Limiting
• Product Is Available Screened To MIL-S-19500, TX, TXV And S Levels
DESCRIPTION
This series of products offers a positive and a negative fixed voltage regulator in one
hermetically sealed, 5 PIN package whose outline is similar to the industry standard
TO-247 package. With heat sinking, they can regulate over 1.5 Amp of output current
per device. Standard voltages are + or - 5V, 12V and 15V. Other voltages are
available upon request. Output voltages are internally trimmed to ±2.0% of nominal
voltage. These devices are ideally suited for Military applications where small size
and high reliability are required.
To order, use the following Omnirel part numbers to determine the required
output voltage of each regulator within one package.
Omnirel
Output Voltages
Part Number
Positive
Negative
OM7501SC
+5V
-5V
OM7502SC
+5V
-12V
OM7503SC
+5V
-15V
OM7504SC
+12V
-5V
OM7505SC
+12V
-12V
OM7506SC
+12V
-15V
OM7507SC
+15V
-5V
OM7508SC
+15V
-12V
OM7509SC
+15V
-15V
PIN CONNECTION
1 234 5
Pin 1: + Input
Pin 2: + Output
Pin 3: Common
Pin 4: - Input
Pin 5: - Output


Similar Part No. - OM7502SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM7502SC ETC-OM7502SC Datasheet
52Kb / 5P
DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS
More results

Similar Description - OM7502SC

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
5000 MSK-5000 Datasheet
352Kb / 5P
DUAL POSITIVE/NEGATIVE, 3 AMP, LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
List of Unclassifed Man...
OM7501SM ETC1-OM7501SM Datasheet
32Kb / 5P
SURFACE MOUNT DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS
MSK5200 ETC1-MSK5200 Datasheet
246Kb / 5P
DUAL POSITIVE/NEGATIVE 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5200-HTU MSK-MSK5200-HTU Datasheet
267Kb / 5P
DUAL POSITIVE/NEGATIVE, 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
List of Unclassifed Man...
OM7500SC ETC-OM7500SC Datasheet
52Kb / 5P
DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS
OM3901SC ETC2-OM3901SC Datasheet
33Kb / 4P
DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWING
logo
Microsemi Corporation
SG7900 MICROSEMI-SG7900 Datasheet
374Kb / 7P
negative fixed voltage regulators
logo
List of Unclassifed Man...
OM3901SC ETC2-OM3901SC Datasheet
36Kb / 4P
DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWING
logo
Anaren Microwave
MSK5000 ANAREN-MSK5000 Datasheet
780Kb / 7P
DUAL POSITIVE/NEGATIVE, DUAL POSITIVE/NEGATIVE, FIXED VOLTAGE REGULATORS
MSK5200 ANAREN-MSK5200 Datasheet
387Kb / 7P
DUAL POSITIVE/NEGATIVE, 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com