Electronic Components Datasheet Search
  English  ▼

X  

OPA695ID Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA695ID
Description  Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA695ID Datasheet(HTML) 2 Page - Texas Instruments

  OPA695ID Datasheet HTML 1Page - Texas Instruments OPA695ID Datasheet HTML 2Page - Texas Instruments OPA695ID Datasheet HTML 3Page - Texas Instruments OPA695ID Datasheet HTML 4Page - Texas Instruments OPA695ID Datasheet HTML 5Page - Texas Instruments OPA695ID Datasheet HTML 6Page - Texas Instruments OPA695ID Datasheet HTML 7Page - Texas Instruments OPA695ID Datasheet HTML 8Page - Texas Instruments OPA695ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
OPA695
2
SBOS293B
www.ti.com
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
OPA695
SO-8
D
–40
°C to +85°C
OPA695
OPA695ID
Rails, 100
""
"
"
"
OPA695IDR
Tape and Reel, 2500
OPA695
SOT23-6(2)
DBV
–40
°C to +85°C
A71L
OPA695IDBVT
Tape and Reel, 250
""
"
"
"
OPA695IDBVR
Tape and Reel, 3000
ABSOLUTE MAXIMUM RATINGS(1)
Power Supply ...............................................................................
±6.5V
DC
Internal Power Dissipation ..................................... See Thermal Analysis
Differential Input Voltage ..................................................................
±1.2V
Input Common-Mode Voltage Range .................................................
±V
S
Storage Temperature Range: D, DBV ........................... –40
°C to +125°C
Lead Temperature (soldering, 10s) .............................................. +300
°C
Junction Temperature (TJ ) ........................................................... +150°C
ESD Rating
Human Body Model (HBM)(2) .......................................................... 1500V
Charge Device Model (CDM) .......................................................... 1000V
Machine Model (MM) ......................................................................... 100V
NOTES: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not supported.
(2) Pin 2 on SO-8 package and pin 4 on SOT23-6 package > 500V
HBM.
PIN CONFIGURATIONS
Top View
SO
NC = No Connection
Top View
SOT23-6
1
2
3
4
8
7
6
5
NC
Inverting Input
Noninverting Input
–V
S
DIS
+V
S
Output
NC
1
2
3
6
5
4
Output
–V
S
Noninverting Input
+V
S
DIS
Inverting Input
12
3
65
4
Pin Orientation/Package Marking
A71L
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PACKAGE/ORDERING INFORMATION
NOTE: (1) For the most current specifications and package information, refer to our web site at www.ti.com.
(2) The SOT23-6 is shipped only as a lead-free and
green package. Check TI web site for lead-free availability of other packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com