Electronic Components Datasheet Search
  English  ▼

X  

OPA695IDBVR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA695IDBVR
Description  Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA695IDBVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA695IDBVR Datasheet HTML 17Page - Texas Instruments OPA695IDBVR Datasheet HTML 18Page - Texas Instruments OPA695IDBVR Datasheet HTML 19Page - Texas Instruments OPA695IDBVR Datasheet HTML 20Page - Texas Instruments OPA695IDBVR Datasheet HTML 21Page - Texas Instruments OPA695IDBVR Datasheet HTML 22Page - Texas Instruments OPA695IDBVR Datasheet HTML 23Page - Texas Instruments OPA695IDBVR Datasheet HTML 24Page - Texas Instruments OPA695IDBVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
OPA695
21
SBOS293B
www.ti.com
FIGURE 12. High Power, Wideband AC-Coupled Arbitrary Waveform Driver.
OPA695
+5V
–5V
+5V
–5V
464
Ω
66.5
Ω
0.01
µF
200
Ω
20
Ω
50
Ω
OPA695
464
Ω
66.5
Ω
0.01
µF
200
Ω
50
Ω
DAC
20mA Peak Output
Differential
Filter
I
O
50
Ω Source
1.4:1
±3.5V
±3.5V
Power supply decoupling not shown.
20
Ω
DIS
DIS
I
O
noninverting input), then inverts the complementary output
current to produce a signal that ranges from this 1.4V at zero
output current down to 0V at maximum output current level
(assuming a 20mA maximum output current). This will give a
very wideband (> 800MHz) video signal capability.
ARBITRARY WAVEFORM DRIVER
The OPA695 may be used as the output stage for moderate
output power Arbitrary Waveform Driver applications. Driving
out through a series 50
Ω matching resistor into a 50Ω
matched load will allow up to a 4.0VPP swing at the matched
load (15dBm) when operating the OPA695 on a
±5V power
supply. This level of power is available for gains of either
±8
with a flat response through 100MHz. When interfacing
directly from a complementary current output DAC, consider
the circuit of Figure 11, modified for the peak output currents
of the particular DAC being considered. Where purely
AC-coupled output signals are required from a complemen-
tary current output DAC, consider a push-pull output stage
using the circuit of Figure 12. The resistor values here have
been calculated for a 20mA peak output current DAC which
produces up to a 5VPP swing at the matched load (18dBm).
This approach will give higher power at the load with much
lower 2nd-harmonic distortion.
For a 20mA peak output current DAC, the mid-scale current
of 10mA will give a 2V DC output common-mode operating
voltage due to the 200
Ω resistor to ground at the outputs.
The total AC impedance at each output is 50
Ω, giving a
±0.5V swing around this 2V common-mode voltage for the
DAC. These resistors also act as a current divider, sending
75% of the DAC output current through the feedback resistor
(464
Ω). The blocking capacitor references the OPA695 out-
put voltage to ground, and turns the unipolar DAC output
current into a bipolar swing of 0.75 • 20mA • 464
Ω = 7V
PP at
each amplifier output. Each output is exactly 180
° out-of-
phase from the other, producing double 7VPP into the match-
ing resistors. To limit the peak output current and improve
distortion, the circuit of Figure 12 is set up with a 1.4:1 step-
down transformer. This reflects the 50
Ω load to be 100Ω at
the primary side of the transformer. For the maximum 14VPP
swing across the outputs of the two amplifiers, the matching
resistors will drop this to 7VPP at the input of the transformer,
then down to 5VPP maximum at the 50Ω load at the output of
the transformer. This step-down approach reduces the peak
output current to 14VP/(200Ω) = 70mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com