Electronic Components Datasheet Search
  English  ▼

X  

P89C51X2BA Datasheet(PDF) 3 Page - NXP Semiconductors

Part # P89C51X2BA
Description  80C51 8-bit Flash microcontroller family
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C51X2BA Datasheet(HTML) 3 Page - NXP Semiconductors

  P89C51X2BA Datasheet HTML 1Page - NXP Semiconductors P89C51X2BA Datasheet HTML 2Page - NXP Semiconductors P89C51X2BA Datasheet HTML 3Page - NXP Semiconductors P89C51X2BA Datasheet HTML 4Page - NXP Semiconductors P89C51X2BA Datasheet HTML 5Page - NXP Semiconductors P89C51X2BA Datasheet HTML 6Page - NXP Semiconductors P89C51X2BA Datasheet HTML 7Page - NXP Semiconductors P89C51X2BA Datasheet HTML 8Page - NXP Semiconductors P89C51X2BA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
Philips Semiconductors
Preliminary data
P89C51X2/52X2/54X2/58X2
80C51 8-bit Flash microcontroller family
4K/8K/16K/32K Flash
2002 Jun 06
3
FEATURES
• 80C51 Central Processing Unit
– 4 Kbytes Flash (P89C51X2)
– 8 Kbytes Flash (P89C52X2)
– 16 Kbytes Flash (P89C54X2)
– 32 Kbytes Flash (P89C58X2)
– 128 byte RAM (P89C51X2)
– 256 byte RAM (P89C52/54X2/58X2)
– Boolean processor
– Fully static operation
• 12-clock operation with selectable 6-clock operation (via software
or via parallel programmer)
• Memory addressing capability
– Up to 64 Kbytes ROM and 64 Kbytes RAM
• Power control modes:
– Clock can be stopped and resumed
– Idle mode
– Power-down mode
• Two speed ranges
– 0 to 20 MHz with 6-clock operation
– 0 to 33 MHz with 12-clock operation
• LQFP, PLCC or DIP package
• Extended temperature ranges
• Dual Data Pointers
• Three security bits
• Four interrupt priority levels
• Six interrupt sources
• Four 8-bit I/O ports
• Full-duplex enhanced UART
– Framing error detection
– Automatic address recognition
• Three 16-bit timers/counters T0, T1 (standard 80C51) and
additional T2 (capture and compare)
• Programmable clock-out pin
• Asynchronous port reset
• Low EMI (inhibit ALE, slew rate controlled outputs, and 6-clock
mode)
• Wake-up from Power Down by an external interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com