Electronic Components Datasheet Search
  English  ▼

X  

PCA9543 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9543
Description  2-channel I2C switch with interrupt logic and reset
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9543 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9543 Datasheet HTML 1Page - NXP Semiconductors PCA9543 Datasheet HTML 2Page - NXP Semiconductors PCA9543 Datasheet HTML 3Page - NXP Semiconductors PCA9543 Datasheet HTML 4Page - NXP Semiconductors PCA9543 Datasheet HTML 5Page - NXP Semiconductors PCA9543 Datasheet HTML 6Page - NXP Semiconductors PCA9543 Datasheet HTML 7Page - NXP Semiconductors PCA9543 Datasheet HTML 8Page - NXP Semiconductors PCA9543 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Philips Semiconductors
Product data sheet
PCA9543
2-channel I2C switch with interrupt logic and reset
2
2004 Oct 01
FEATURES
• 1-of-2 bi-directional translating switches
• I2C interface logic; compatible with SMBus standards
• 2 Active LOW Interrupt Inputs
• Active LOW Interrupt Output
• Active LOW Reset Input
• 2 address pins allowing up to 4 devices on the I2C-bus
• Channel selection via I2C-bus, in any combination
• Power up with all switch channels deselected
• Low Rds
ON switches
• Allows voltage level translation between 1.8 V, 2.5 V, 3.3 V and
5 V buses
• No glitch on power-up
• Supports hot insertion
• Low stand-by current
• Operating power supply voltage range of 2.3 V to 5.5 V
• 5 V tolerant Inputs
• 0 kHz to 400 kHz clock frequency
• ESD protection exceeds 2000 V HBM per JESD22-A114,
150 V MM per JESD22-A115 and 1000 V per JESD22-C101
• Latchup testing is done to JESDEC Standard JESD78 which
exceeds 100 mA
• Packages offered: SO14, TSSOP14
DESCRIPTION
The PCA9543 is a bi-directional translating switch, controlled by the
I2C-bus. The SCL/SDA upstream pair fans out to two downstream
pairs, or channels. Any individual SCx/SDx channels or combination
of channels can be selected, determined by the contents of the
programmable control register. Two interrupt inputs, INT0 to INT3,
one for each of the downstream pairs, are provided. One interrupt
output INT, which acts as an AND of the two interrupt inputs, is
provided.
An active-LOW reset input allows the PCA9543 to recover from a
situation where one of the downstream I2C-buses is stuck in a LOW
state. Pulling the RESET pin LOW resets the I2C state machine and
causes all the channels to be deselected, as does the internal power
on reset function.
The pass gates of the switches are constructed such that the VDD
pin can be used to limit the maximum high voltage which will be
passed by the PCA9543. This allows the use of different bus
voltages on each SCx/SDx pair, so that 1.8 V, 2.5 V, or 3.3 V parts
can communicate with 5 V parts without any additional protection.
External pull-up resistors pull the bus up to the desired voltage level
for each channel. All I/O pins are 5 V tolerant.
PIN CONFIGURATION
1
2
3
4
5
6
78
9
10
11
12
13
14
A0
A1
RESET
INT0
SD0
SC0
VSS
VDD
SDA
SCL
SD1
SC1
INT1
INT
SW00803
Figure 1. Pin configuration
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
FUNCTION
1
A0
Address input 0
2
A1
Address input 1
3
RESET
Active LOW reset input
4
INT0
Interrupt input 0
5
SD0
Serial data 0
6
SC0
Serial clock 0
7
VSS
Supply ground
8
INT1
Interrupt input 1
9
SD1
Serial data 1
10
SC1
Serial clock 1
11
INT
Interrupt output
12
SCL
Serial clock line
13
SDA
Serial data line
14
VDD
Supply voltage
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DRAWING NUMBER
14-Pin Plastic SO
–40
°C to +85 °C
PCA9543D
SOT108-1
14-Pin Plastic TSSOP
–40
°C to +85 °C
PCA9543PW
SOT402-1
Standard packing quantities and other packaging data are available at www.standardproducts.philips.com/packaging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com