Electronic Components Datasheet Search
  English  ▼

X  

PDTA143ZK Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PDTA143ZK
Description  PNP resistor-equipped transistors R1 = 4.7 kW, R2 = 47 kW
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTA143ZK Datasheet(HTML) 4 Page - NXP Semiconductors

  PDTA143ZK Datasheet HTML 1Page - NXP Semiconductors PDTA143ZK Datasheet HTML 2Page - NXP Semiconductors PDTA143ZK Datasheet HTML 3Page - NXP Semiconductors PDTA143ZK Datasheet HTML 4Page - NXP Semiconductors PDTA143ZK Datasheet HTML 5Page - NXP Semiconductors PDTA143ZK Datasheet HTML 6Page - NXP Semiconductors PDTA143ZK Datasheet HTML 7Page - NXP Semiconductors PDTA143ZK Datasheet HTML 8Page - NXP Semiconductors PDTA143ZK Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2004 Aug 05
4
Philips Semiconductors
Product specification
PNP resistor-equipped transistors;
R1 = 4.7 k
Ω, R2 = 47 kΩ
PDTA143Z series
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1. Refer to standard mounting conditions.
2. Reflow soldering is the only recommended soldering method.
3. Refer to SOT883 standard mounting conditions; FR4 with 60
µm copper strip line.
THERMAL CHARACTERISTICS
Notes
1. Refer to standard mounting conditions.
2. Reflow soldering is the only recommended soldering method.
3. Refer to SOT883 standard mounting conditions; FR4 with 60
µm copper strip line.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−50
V
VCEO
collector-emitter voltage
open base
−−50
V
VEBO
emitter-base voltage
open collector
−−10
V
VI
input voltage
positive
−
+5
V
negative
−−30
V
IO
output current (DC)
−−100
mA
ICM
peak collector current
−−100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
SOT23
note 1
−
250
mW
SOT54
note 1
−
500
mW
SOT323
note 1
−
200
mW
SOT346
note 1
−
250
mW
SOT416
note 1
−
150
mW
SOT490
notes 1 and 2
−
250
mW
SOT883
notes 2 and 3
−
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
operating ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
in free air
SOT23
note 1
500
K/W
SOT54
note 1
250
K/W
SOT323
note 1
625
K/W
SOT346
note 1
500
K/W
SOT416
note 1
833
K/W
SOT490
notes 1 and 2
500
K/W
SOT883
notes 2 and 3
500
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com