Electronic Components Datasheet Search
  English  ▼

X  

PI3B16210 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3B16210
Description  3.3V, Hot Insertion 20-Bit, 2-Port BusSwitch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B16210 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3B16210 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B16210 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B16210 Datasheet HTML 3Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
PS8193B
11/09/98
Logic Block Diagram
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Truth Table(1)
Note:
1. H = High Voltage Level
L = Low Voltage Level
Hi-Z = High Impedance
Pin Name
Description
1OE, 2OE
Bus Enable Inputs (Active LOW)
1A1-1A10, 2A1-2A10
Bus A
1B1 - 1B10, 2B1 - 2B10
Bus B
Product Pin Description
Product Pin Configuration
Product Features
• Near-zero propagation delay
•5
Ω or 25Ω switches connect inputs to outputs
• Fair Switching Speed - 4.5ns max.
• 32X384 function with flow through pinout make board
layout easier
• Permits Hot Insertion.
• Vcc Operating Range: 3.0V to 3.6V
• Industrial operating temperature: –40°C to +85°C
• Packages available:
– 48-pin 150-mil wide plastic QSOP (B)
– 48-pin 240-mil wide plastic TSSOP (A)
– 48-pin 300-mil wide plastic SSOP (V)
Product Description
Pericom Semiconductor’s PI3B series of BusSwitch circuits are
produced in the Company’s advanced 0.35 micron CMOS
technology, achieving industry leading speed.
The PI3B16210 is configured as 3.3 volt 20-bit, 2-port bus
switches designed with a low ON resistance (5
Ω) allowing inputs
to be connected directly to outputs. The bus switch creates no
additional propagational delay or additional ground bounce noise.
The switches are turned ON by the Bus Enable (xOE) input signal.
The PI3B162210 device has a built-in 25-ohm series resistor to
reduce noise resulting from reflections, thus eliminating the need
for an external terminating resistor.
1OE
1A10
1A1
1B10
1B1
2OE
2A10
2A1
2B10
2B1
s
t
u
p
n
Is
t
u
p
t
u
O
/
s
t
u
p
n
I
E
O
1E
O
2B
1
,
A
1B
2
,
A
2
LL
B
1
=
A
1B
2
=
A
2
LH
B
1
=
A
1Z
HL
Z
B
2
=
A
2
HH
Z
Z
PI3B16210
PI3B162210 (25
Ω
Ω
Ω
Ω
Ω)
3.3V, Hot Insertion 20-Bit, 2-Port BusSwitch
48-Pin


Similar Part No. - PI3B16210

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B16210 PERICOM-PI3B16210 Datasheet
168Kb / 3P
3.3V, 20-Bit, 2-Port NanoSwitch?
PI3B16210A PERICOM-PI3B16210A Datasheet
168Kb / 3P
3.3V, 20-Bit, 2-Port NanoSwitch?
PI3B16210AE PERICOM-PI3B16210AE Datasheet
168Kb / 3P
3.3V, 20-Bit, 2-Port NanoSwitch?
PI3B16210B PERICOM-PI3B16210B Datasheet
168Kb / 3P
3.3V, 20-Bit, 2-Port NanoSwitch?
PI3B16210BE PERICOM-PI3B16210BE Datasheet
168Kb / 3P
3.3V, 20-Bit, 2-Port NanoSwitch?
More results

Similar Description - PI3B16210

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3244 PERICOM-PI3B3244 Datasheet
186Kb / 5P
3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitch
PI3B16245 PERICOM-PI3B16245 Datasheet
92Kb / 3P
3.3V, Hot Insertion, 16-Bit, 2-Port BusSwitch
PI3B16211 PERICOM-PI3B16211 Datasheet
146Kb / 5P
3.3V, Hot Insertion, 24-Bit BusSwitch
PI3B3245 PERICOM-PI3B3245 Datasheet
191Kb / 5P
3.3V, Hot Insertion 8-Bit, 2-Port, NanoSwitch
PI3B16215 PERICOM-PI3B16215 Datasheet
560Kb / 5P
3.3V, Hot Insertion, 20-Bit FET BusSwitch w/Precharged Outputs
PI3C3861 PERICOM-PI3C3861 Datasheet
157Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion, 10-Bit, 2-Port, BusSwitch
PI5C16215C PERICOM-PI5C16215C Datasheet
166Kb / 5P
20-Bit,Hot Insertion,BusSwitch with Precharged Outputs & Undershoot Protection
PI3B3245QEX PERICOM-PI3B3245QEX Datasheet
672Kb / 5P
3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitchTM
PI3B3244 PERICOM-PI3B3244_10 Datasheet
616Kb / 4P
3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitch
PI3B3245 PERICOM-PI3B3245_10 Datasheet
672Kb / 5P
3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com