Electronic Components Datasheet Search
  English  ▼

X  

PI5C16211 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI5C16211
Description  24-Bit Bus Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C16211 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI5C16211 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C16211 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C16211 Datasheet HTML 3Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PI5C16211
24-Bit Bus Switch
2
PS7050B
12/09/99
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
DC Electrical Characteristics (Over the Operating Range, TA= –40°C to +85°C, VCC = 5V ±10%)
Parameters
Description
TestConditions
Min.
Typ(1)
Max.
Units
VIK
Clamp Diode Voltage
VCC = 4.5V, II = –18mA
—
—
–1.2
V
II
Input LOW Current
VCC = 5.5V, VI = VCC or GND
—
—
10
VCC= 0V,VI=5.5V
—
—
±1
µA
ICC
Quiescent Power Supply Current
VCC= 5.5V, VI= VCC or GND
—
—
3.0
∆ICC
Supply Current per Control Input
VCC = 5.5V, One input at 3.4V,
—
—
2.5
mA
@ TTL High
other inputs at VCC or GND
CI(2)
Control Input Capacitance
VI = 3V or 0
—
4.5
—
CIO(OFF)(2) A/B Switch OFF Capacitance
VO = 3V or 0,
OE=VCC
—
5.5
—
RON
Switch On Resistance(3)
VCC = 4.0V, VI = 2.4V, II = 15 mA
—
14
20
VCC = 4.5V, VI = 0V, II = 64 mA
—
5
7
VCC = 4.5V, VI = 0V, II = 30 mA
—
5
7
VCC = 4.5V, VI= 2.4V, II = 15 mA
—
8
12
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Storage Temperature .................................................................... –65°C to +150°C
Ambient Temperature with Power Applied .................................... –40°C to +85°C
Supply Voltage to Ground Potential (Inputs & Vcc Only) .............. –0.5Vto+7.0V
Supply Voltage to Ground Potential (Outputs & D/O Only) ........... –0.5Vto+7.0V
DC Input Voltage ............................................................................ –0.5Vto+7.0V
DC Output Current ...................................................................................... 120mA
Power Dissipation .......................................................................................... 1.4W
Note:
Stresses greater than those listed under MAXI-
MUM RATINGS may cause permanent damage
to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions above those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect reli-
ability.
Notes:
1. Typical values are at VCC = 5.0V, TA = 25°C ambient and maximum loading.
2. This parameter is determined by device characterization but is not production tested.
3. Measured by the voltage drop between A and B pin at indicated current through the switch.
ON resistance is determined by the lower of the voltages on the two (A,B) pins.
pF
Ω



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com