Electronic Components Datasheet Search
  English  ▼

X  

PL-42 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # PL-42
Description  Low Power Transformers Dual Primary - Dual secondary 115/230 Volts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PL-42 Datasheet(HTML) 4 Page - Vishay Siliconix

  PL-42 Datasheet HTML 1Page - Vishay Siliconix PL-42 Datasheet HTML 2Page - Vishay Siliconix PL-42 Datasheet HTML 3Page - Vishay Siliconix PL-42 Datasheet HTML 4Page - Vishay Siliconix PL-42 Datasheet HTML 5Page - Vishay Siliconix PL-42 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
155
PL-22, -23, -24, -42, -43, -44
Vishay Dale
Document Number 34072
Revision 11-Dec-02
For technical questions, contact: Magnetics@vishay.com
PL-22, PL-23, PL-24
PL-42, PL-43, PL-44
FEATURES
• PC pin mounting.
• Provides isolation from power line.
• Dual Primary for operation at 115V or 230V, 50/60Hz.
• Dual Secondary for series connection obtains twice winding voltage with
center tap or for parallel connection obtains twice winding current rating.
• Modification to these standard items are available as specialty products.
• Laminated construction for low-cost industrial applications, including power
supplies, controls and instrumentation.
• Mounting brackets and bobbin standoff are available.
• PL-22, PL-23, PL-24: Concentric windings for increased coupling, decreased
leakage reactance and improved regulation.
• PL-42, PL-43, PL-44: Split-section winding for increased dielectric strength
between primary and secondary windings plus reduced interwinding
capacitance.
ELECTRICAL SPECIFICATIONS
Input Voltage: 115V 60Hz or 230V 50-60Hz.
Output Power Rating:
PL-22, PL-42 = 1.5VA.
PL-23, PL-43 = 4.5VA.
PL-24, PL-44 = 10.0VA.
Dielectric Strength: Between primary windings and
secondary windings and core:
PL-22, PL-23, PL-24 = 1500V.
PL-42, PL-43, PL-44 = 2500V.
Between secondary windings to core: All units = 1000V.
From primary to primary windings: All units = 500V.
From secondary to secondary windings: All units = 500V.
MECHANICAL SPECIFICATIONS
Temperature Class:
PL-22, PL-23, PL-24: Insulation Class A, 105
°C.
PL-42, PL-43, PL-44: Insulation Class B, 130
°C;
A UL approved Class B Insulation System can be
furnished on request.
Terminals: Brass, solder coated.
Weight: (reference)
PL-22, PL-42 = 100 grams.
PL-23, PL-43 = 160 grams.
PL-24, PL-44 = 240 grams.
Low Power Transformers
Dual Primary - Dual secondary
115/230 Volts
SCHEMATICS
Basic Style
Options
1
2
3
4
Secondary
Series Connected
5
6
7
8
5
6
7
8
1
2
3
4
Primary Series
Connected
230V
Input
Volts
Output
1
4
5
6
8
7
2
3
Secondary
Parallel Connected
7
8
5
1
2
6
3
4
Primary
Parallel Connected
Volts
Output
7
6
48
2
15
3
115V
Input



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com