Electronic Components Datasheet Search
  English  ▼

X  

PSR05 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PSR05
Description  STEERING DIODE / TVS ARRAY COMBO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PSR05 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PSR05 Datasheet HTML 1Page - List of Unclassifed Manufacturers PSR05 Datasheet HTML 2Page - List of Unclassifed Manufacturers PSR05 Datasheet HTML 3Page - List of Unclassifed Manufacturers PSR05 Datasheet HTML 4Page - List of Unclassifed Manufacturers PSR05 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
www.protekdevices.com
05116.R3 8/03
PSR05
APPLICATION NOTE
The PSR05 is a low capacitance, bidirectional TVS array that is designed to protect I/O or high speed data lines from the damaging effects of ESD or
EFT. This product series has a surge capability of 500 Watts P
PP per line for an 8/20µs waveform and offers ESD protection > 25kV.
COMMON-MODE CONFIGURATION (Figure 1)
Ideal for use in USB applications, two PSR05 devices provides up to two(2) lines of protection(per device) in a common-mode configuration as
depicted in Figure 1.
Circuit connectivity is as follows:
✔
Pins 2 and 3 are connected to the datalines.
✔
Pin 1 is connected to ground.
✔
Pin 4 is connected to the databus.
CIRCUIT BOARD LAYOUT RECOMMENDATIONS
Circuit board layout is critical for Electromagnetic
Compatibility (EMC) protection. The following
guidelines are recommended:
✔
The protection device should be placed near the
input terminals or connectors, the device will
divert the transient current immediately before it
can be coupled into the nearby traces.
✔
The path length between the TVS device and the
protected line should be minimized.
✔
All conductive loops including power and ground
loops should be minimized.
✔
The transient current return path to ground
should be kept as short as possible to reduce
parasitic inductance.
✔
Ground planes should be used whenever
possible. For multilayer PCBs, use ground vias.
Figure 1. Typical Common-Mode USB Protection
1
2
3
4
1
3
4
2
VBus
VBus
VBus
VBus
D+
D-
D+
D-
USB
PORT
USB
PORT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com