Electronic Components Datasheet Search
  English  ▼

X  

PS2602 Datasheet(PDF) 6 Page - NEC

Part # PS2602
Description  Optocoupler Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2602 Datasheet(HTML) 6 Page - NEC

Back Button PS2602 Datasheet HTML 2Page - NEC PS2602 Datasheet HTML 3Page - NEC PS2602 Datasheet HTML 4Page - NEC PS2602 Datasheet HTML 5Page - NEC PS2602 Datasheet HTML 6Page - NEC PS2602 Datasheet HTML 7Page - NEC PS2602 Datasheet HTML 8Page - NEC PS2602 Datasheet HTML 9Page - NEC PS2602 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
5
Graph 2 shows the relationship between response speed (ton, toff) and load resistance (RL) in a typical emitter follower (Test
circuit 2) having a greater load resistance (5 k
Ω).
Input
monitor
VCC = 5 V
Vo
RL = 5
Ω
51
Ω
IF = 5 mA
PS2601
Test Circuit 2
Graph 2
Up
: Input
0.2 V/DIV
DOWN : Output
2 V/DIV
(50
µs/DIV)
As shown in Graph 2, the turn-off time for load resistance of 5 k
Ω is about 100 µs. Similarly, the turn-off time for load resistance
of 100 k
Ω is 1 to 2 ms. This is also true when the load resistance is connected to the collector of the phototransistor.
Graph 3 shows the relationship between response speed (ton, toff) and load resistance (RL) in a typical circuit (Test circuit 3)
having collector load resistance (5 k
Ω) with the emitter grounded.
Input
monitor
VCC = 5 V
Vo
RL = 5
Ω
51
Ω
IF = 5 mA
PS2601
Test Circuit 3
Input
monitor
Vo
Graph 3
Up
: Input
0.2 V/DIV
DOWN : Output
2 V/DIV
(50
µs/DIV)
Input
monitor
Vo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com