Electronic Components Datasheet Search
  English  ▼

X  

PS2603L Datasheet(PDF) 4 Page - NEC

Part # PS2603L
Description  Optocoupler Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2603L Datasheet(HTML) 4 Page - NEC

  PS2603L Datasheet HTML 1Page - NEC PS2603L Datasheet HTML 2Page - NEC PS2603L Datasheet HTML 3Page - NEC PS2603L Datasheet HTML 4Page - NEC PS2603L Datasheet HTML 5Page - NEC PS2603L Datasheet HTML 6Page - NEC PS2603L Datasheet HTML 7Page - NEC PS2603L Datasheet HTML 8Page - NEC PS2603L Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
3
There are two kinds of optocouplers (a light emitting diode (LED) as an input and a phototransistor as an output) according to the
type of output transistor: Single transistor type and Darlington-transistor type.
The single-transistor type optocouplers are used to perform high-speed switching (with high-speed response). The Darlington-
transistor type optocouplers are used to obtain a large output current by utilizing a small input current (independently of switching
speeds).
Designing the circuits properly will improve the PS2601 optocoupler (Single Transistor type) by having a base pin in terms of
switching speed, elimination of noise in input signals, and output leakage current (collector dark current, and application to high-
voltage circuits).
APPLICATIONS OF OPTOCOUPLER BASE PINS
INCREASING SWITCHING SPEED
The switching speed of an optocoupler with a base pin can be increased by inserting a resistor between the base and the emitter
of its phototransistor even when the optocoupler is applied to a large load resistance.
Generally, the phototransistor of an optocoupler such as the PS2601 has a large photo-sensitive area on it. Accordingly, the
junction capacitance (CC-B) between the collector and the base of the phototransistor is great (up to 20 pF) and as a result its
response speed (turn-off time toff) is low. The relationship between turn-off time toff and collector-base capacitance CC-B is
expressed by:
toff
× CC-B x hFE x RL ................(1)
where
toff
: Turn-off time (See Fig. 2-2.)
CC-B : Collector-base capacitance
hFE : D.C. current amplification factor
RL
: Load resistance
Cc-B
RL
Figure 2-1. Collector-Base Capacitance
CC-B of Phototransistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com