Electronic Components Datasheet Search
  English  ▼

X  

PT6525 Datasheet(PDF) 2 Page - Texas Instruments

Part # PT6525
Description  8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6525 Datasheet(HTML) 2 Page - Texas Instruments

  PT6525 Datasheet HTML 1Page - Texas Instruments PT6525 Datasheet HTML 2Page - Texas Instruments PT6525 Datasheet HTML 3Page - Texas Instruments PT6525 Datasheet HTML 4Page - Texas Instruments PT6525 Datasheet HTML 5Page - Texas Instruments PT6525 Datasheet HTML 6Page - Texas Instruments PT6525 Datasheet HTML 7Page - Texas Instruments PT6525 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT6520 Series
8-A 5-V/3.3-V Input Adjustable ISR
with Short-Circuit protection
Specifications (Unless otherwise stated, Ta =25°C, Vin =5V, Cin =330µF, Cout =330µF, and Io =Iomax)
PT6520 SERIES
Characteristic
Symbol
Conditions
Min
Typ
Max
Units
Output Current
Io
Over Vin range
0.1 (1)
—
8.0
A
Input Voltage Range
Vin
Over Io Range
Vo =3.3V
4.5
—
5.5
VDC
Vo≤2.5V
3.1
—
5.5
Set Point Voltage Tolerance
Vo tol
—
±1
±1.5
%Vo
Temperature Variation
Regtemp
–40°
≤Ta≤ +85°C, Io =Iomin
—
±0.5
—
%Vo
Line Regulation
Regline
Over Vin range
—
±5
±10
mV
Load Regulation
Regload
Over Io range
—
±5
±10
mV
Total Output Voltage Variation
∆Votot
Includes set-point, line, load,
—
±2±3%Vo
–40°
≤Ta ≤ +85°C
Efficiency
η
Io =3.0A
Vo =3.3V
—
92
—
Vo =2.5V
—
88
—
Vo =2.1V
—
85
—
%
Vo =1.8V
—
82
—
Vo =1.5V
—
80
—
Vo =1.2V
—
75
—
Io =8.0A
Vo =3.3V
—
89
—
Vo =2.5V
—
85
—
Vo =2.1V
—
82
—
%
Vo =1.8V
—
78
—
Vo =1.5V
—
75
—
Vo =1.2V
—
71
—
Vo Ripple (pk-pk)
Vr
20MHz bandwidth
—
35
—
mVpp
Transient Response
ttr
1A/µs load step, 50% to 100% Iomax
—
50
—
µs
∆Vtr
Vo over/undershoot
—
±70
—
mV
Short Circuit Threshold
Isc threshold
—
12
22.5
A
Switching Frequency
ƒs
Over Vin and Io range
300
350
400
kHz
Remote On/Off (Pin 1)
Referenced to –Vin (pin 7)
Input High Voltage
VIH
—
—
Open (2)
V
Input Low Voltage
VIL
–0.1
—
+0.4
Input Low Current
IIL
—
–0.5
–
mA
Standby Input Current
Iin standby
pins 3 & 7 connected
—
15
25
mA
External Output Capacitance
Cout
See application schematic
330
—
5,000
µF
External Input Capacitance
Cin
See application schematic
330
—
—
µF
Operating Temperature Range
Ta
Over Vin range
-40
—
+85 (3)
°C
Storage Temperature
Ts
—
-40
—
+125
°C
Reliability
MTBF
Per Bellcore TR-332
6.3
—
—
106 Hrs
50% stress, Ta =40°C, ground benign
Mechanical Shock
—
Per Mil-Std-883D, method 2002.3,
—
500
—
G’s
1ms, half-sine, mounted to a fixture
Mechanical Vibration
—
Suffixes P, D, & E—
7.5
—
G’s
Mil-Std-883D, 20-2000Hz
Suffixes L & M
—
TBD (4)
—
Weight
—
Suffixes P, D, & E—
12.5
—
Suffixes R, G & B
—
16.5
—
grams
Suffixes L & M
—
15.25
—
Suffixes Q & F
—
22
—
Flammability
—
Materials meet UL 94V-0
Notes:
(1) The ISR will operate at no load with reduced specifications.
(2) The STBY* control (pin 3) has an internal pull-up and if it is left open circuit the module will operate when input power is applied. The open-circuit
voltage is typically 12.6V, and maybe as high as 15V. Refer to the application notes for other interface considerations.
(3) See Safe Operating Area curves or contact the factory for the appropriate derating.
(4) The tab pins on the 16-pin mount package types (suffixes L & M) must be soldered. For more information see the applicable package outline drawing.
Input/Output Capacitors: The PT6520 series requires a 330µF capacitor at both the input and output for proper operation in all applications. In addition, the input
capacitance (Cin) must be rated for a minimum of 1.2Arms ripple current rating. For transient or dynamic load applications, additional output capacitance (Cout) may be
necessary. The maximum allowable output capacitance is 5,000µF. For more information consult the related application note on capacitor recommendations.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com