Electronic Components Datasheet Search
  English  ▼

X  

PS2605 Datasheet(PDF) 16 Page - NEC

Part # PS2605
Description  Optocoupler Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2605 Datasheet(HTML) 16 Page - NEC

Back Button PS2605 Datasheet HTML 12Page - NEC PS2605 Datasheet HTML 13Page - NEC PS2605 Datasheet HTML 14Page - NEC PS2605 Datasheet HTML 15Page - NEC PS2605 Datasheet HTML 16Page - NEC PS2605 Datasheet HTML 17Page - NEC PS2605 Datasheet HTML 18Page - NEC PS2605 Datasheet HTML 19Page - NEC PS2605 Datasheet HTML 20Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
15
ICBL
ICBL-I1
RBE
I1
VBE
=
( 1 -
) ................ (5)
As hFE' is equal to hFE if IF = approx. 5 mA, IC = approx. 15 mA, and RBC > 100 k
Ω, expression (5) is simplified as follows:
= 1 -
................ (6)
IC' = hFE' (ICBL-I1) = hFE'
( ICBL-
)
IC' = hFE' • ICBL
( 1 -
) ................ (4)
Note IC'
: Output current of an optocoupler having RBE
hFE'
: Amplification factor of an optocoupler having RBE
Accordingly, the ratio of output current IC' (of the optocoupler having RBE) to output current IC (of the optocoupler with the base
open) is expressed by:
REDUCTION OF CURRENT TRANSFER RATIO (CTR) BY INSERTION OF BASE-
EMITTER RESISTOR
A resistor (RBE) connected to the base and emitter pins of an optocoupler causes the reduction of the output current (reduction of
current transfer ratio). This is because a part (I1) of the base current flows through the base-emitter resistor and causes a voltage
equivalent to the emitter-base voltage (VBE). The base current is reduced by this current component (I1) and, as the result, the
current transfer ratio (CTR) goes down. The output current IC' is expressed as follows:
VBE
RBE
ICBL • RBE
VBE
IC
hFE
ICBL • RBE
IC'
hFE'
VBE
IC
ICBL • RBE
IC'
VBE
Figure 3-2.
•
• •



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com