Electronic Components Datasheet Search
  English  ▼

X  

RT9600 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RT9600
Description  SYNCHRONOUS-RECTIFIED BUCK MOSFET DRIVERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9600 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RT9600 Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9600 Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9600 Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9600 Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9600 Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9600 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RT9600
Preliminary
www.richtek-ic.com.tw
DS9600-00 July 2001
2
Pin Description
Pin No. Pin Name
Pin Function
1
UGATE
Upper Gate Drive Output. Connect to gate of high-side power N-Channel MOSFET
2
BOOT
Floating bootstrap supply pin for upper gate drive.
3
PWM
Input PWM signal for controlling the driver.
4
GND
Ground
5
LGATE
Lower gate drive output. Connect to gate of low-side power N-Channel MOSFET.
6
VCC
+12V Supply Voltage
7
PVCC
Upper Gate Drive Supply Bias. Typical +12V
8
PHASE
Connect this pin to the source of the high-side MOSFET and the drain of the low-side
MOSFET
Function Block Diagram
Typical Application Circuit
Shoot-
through
Protect
PVCC
High Side
Short-CKT
Protection
Control
Logic
BOOT
VCC
UGATE
LGATE
GND
Phase
PWM
Internal
500K
500K
5V
VCC
PWM
PVCC
VCC
BOOT
UGATE
PHASE
LGATE
GND
1
2
3
4
5
6
7
8
RT9600
+12V
C13
1
µF
PWM
C11
1
µF
C8
1
µF
C9
100
µF
SANYO OS-CON 16V
Q3
PHB83NO3LT
Q4
PHB95NO3LT
L3
1
µH
C15
1000
µF
C16
1000
µF
R10 2.4K
R13 2.4K
VCORE
ISEN2
ISN2
There 2 PCB trace have to parallel and place R near to PWM IC
+12V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com