Electronic Components Datasheet Search
  English  ▼

X  

PS2634 Datasheet(PDF) 5 Page - NEC

Part # PS2634
Description  Optocoupler Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2634 Datasheet(HTML) 5 Page - NEC

  PS2634 Datasheet HTML 1Page - NEC PS2634 Datasheet HTML 2Page - NEC PS2634 Datasheet HTML 3Page - NEC PS2634 Datasheet HTML 4Page - NEC PS2634 Datasheet HTML 5Page - NEC PS2634 Datasheet HTML 6Page - NEC PS2634 Datasheet HTML 7Page - NEC PS2634 Datasheet HTML 8Page - NEC PS2634 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
4
As judged from expression (1), the turn-off time toff is affected by collector-base capacitance CC-B, D.C. current amplification
factor hFE, and load resistance LR. In actual circuit design, CC-B and hFE are fixed. Accordingly, the turn-off time is significantly
affected by the resistance of load RL.
Graph 1 shows the relationship between response speed (ton,toff) and load resistance (RL) in typical emitter follower (test circuit 1)
having a load resistance of 100
Ω.
PW = 100
µs
Duty = 1/10
Input
monitor
()
VCC = 5 V
Vo
RL = 100
Ω
51
Ω
IF = 5 mA
PS2601
Input
monitor
Vo
Graph 1
Up
: Input 0.2 V/DIV
DOWN : Output 0.5 V/DIV
(50
µs/DIV)
Test Circuit 1
90%
90%
10%
10%
50%
Input
Output
ton
toff
Figure 2-2. ton/toff Measuring Points



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com