Electronic Components Datasheet Search
  English  ▼

X  

BY296P Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BY296P
Description  Low leakage current
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BY296P Datasheet(HTML) 2 Page - Vishay Siliconix

  BY296P Datasheet HTML 1Page - Vishay Siliconix BY296P Datasheet HTML 2Page - Vishay Siliconix BY296P Datasheet HTML 3Page - Vishay Siliconix BY296P Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 88948
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 27-Oct-09
BY296P thru BY299P
Vishay General Semiconductor
Note
(1) Thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length with both leads equally heat sink
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
BY296P
BY297P
BY298P
BY299P
UNIT
Maximum instantaneous
forward voltage
3.0 A
VF
1.3
V
Maximum DC reverse current
at rated DC blocking voltage
TA = 25 °C
IR
10
μA
TA = 100 °C
500
Maximum reverse recovery time
IF = 10 mA, IR = 10 mA,
Irr = 1.0 mA
trr
500
ns
Maximum forward recovery time
IF = 100 mA
trr
1.0
μs
Typical junction capacitance
4.0 V, 1 MHz
CJ
28
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BY296P
BY297P
BY298P
BY299P
UNIT
Typical thermal resistance
RθJA
(1)
15
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
BY298P-E3/54
1.1
54
1400
13" diameter paper tape and reel
BY298P-E3/73
1.1
73
1000
Ammo pack packaging
0
25
50
75
100
125
150
175
2.0
1.5
1.0
0.5
0
Ambient Temperature (°C)
Resistive or Inductive Load
0.375" (9.5 mm) Lead Length
1
10
100
80
60
40
20
0
Number of Cycles at 60 Hz
T
J = TJ Max.
8.3 ms Single Half Sine-Wave



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com