Electronic Components Datasheet Search
  English  ▼

X  

SA57003 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SA57003
Description  Five-output composite voltage regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA57003 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SA57003 Datasheet HTML 4Page - NXP Semiconductors SA57003 Datasheet HTML 5Page - NXP Semiconductors SA57003 Datasheet HTML 6Page - NXP Semiconductors SA57003 Datasheet HTML 7Page - NXP Semiconductors SA57003 Datasheet HTML 8Page - NXP Semiconductors SA57003 Datasheet HTML 9Page - NXP Semiconductors SA57003 Datasheet HTML 10Page - NXP Semiconductors SA57003 Datasheet HTML 11Page - NXP Semiconductors SA57003 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Philips Semiconductors
Product data
SA57003
Five-output composite voltage regulator
2003 Oct 13
8
TYPICAL PERFORMANCE CURVES
SL01428
IOUT, OUTPUT CURRENT (mA)
0
25
50
75
100
125
150
0
50
100
150
200
250
Typical for VOUT1,2,3
Tamb = 25 °C
Figure 4. Dropout voltage versus output current.
SL01429
VIN, INPUT VOLTAGE (V)
–5.0
5.0
10
15
4.0
6.0
8.0
10
12
IOUT = 30 mA
Typical for VOUT1,2,3
Tamb = 25 °C
ON/OFF1,2,3 = VIN = VOUT + 1.0 V
VOUT
Figure 5. Normalized line regulation versus input voltage.
SL01430
IOUT, OUTPUT VOLTAGE (mV)
20
–20
–40
–10
–30
10
0
20
40
60
80
100
120
140
Typical for VOUT1,2,3
Tamb = 25 °C
VIN = VOUT + 1.0 V
ON/OFF1,2,3 = VIN
COUT = 47 µF
VOUT
Figure 6. Normalized load regulation.
SL01431
Tj, JUNCTION TEMPERATURE (°C)
VOUT
–1.0
–2.0
–3.0
+1.0
0
25
50
75
100
125
150
175
Typical for VOUT1,2,3
VIN = VOUT + 1.0 V
ON/OFF1,2,3 = VIN
Figure 7. Thermal shutdown.
SL01432
IOUT, OUTPUT CURRENT (mA)
VOUT
0
50
100
150
200
250
300
–3.0
–2.0
–1.0
+1.0
Typical for VOUT1,2,3
VIN = VOUT + 1.0 V
ON/OFF1,2,3 = VIN
Figure 8. Typical output current limit.
SL01433
IOUT, OUTPUT CURRENT (mA)
Tamb = 25 °C
0
≤ VIN ≤ 12 V
COUT = 4.7 µF
0.01
0.1
1.0
10
100
1000
0.01
0.1
1.0
10
100
UNSTABLE REGION
STABLE OPERATING REGION
UNMEASURABLE REGION
Figure 9. ESR stability versus output current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com