Electronic Components Datasheet Search
  English  ▼

X  

SA57005 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SA57005
Description  Multiple output low noise, low dropout linear regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA57005 Datasheet(HTML) 5 Page - NXP Semiconductors

  SA57005 Datasheet HTML 1Page - NXP Semiconductors SA57005 Datasheet HTML 2Page - NXP Semiconductors SA57005 Datasheet HTML 3Page - NXP Semiconductors SA57005 Datasheet HTML 4Page - NXP Semiconductors SA57005 Datasheet HTML 5Page - NXP Semiconductors SA57005 Datasheet HTML 6Page - NXP Semiconductors SA57005 Datasheet HTML 7Page - NXP Semiconductors SA57005 Datasheet HTML 8Page - NXP Semiconductors SA57005 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product data
SA57005
Multiple output low noise, low dropout linear regulator
2002 Jun 20
5
TYPICAL PERFORMANCE CURVES
SL01699
OUTPUT CURRENT (mA)
0.0
50.0
100.0
150.0
200.0
250.0
0
50
100
150
Figure 3. Input-output differential voltage.
SL01700
VIN (V)
–20.0
–10.0
0.0
10.0
20.0
46
8
10
12
Figure 4. Line regulation.
SL01703
OUTPUT CURRENT (mA)
–40.0
–30.0
–20.0
–10.0
0.0
10.0
20.0
30.0
40.0
0
50
100
150
Figure 5. Load regulation.
SL01702
TEMPERATURE (
°C)
0.0
1.0
2.0
3.0
4.0
0
50
100
150
200
Figure 6. Thermal shutdown.
SL01701
OUTPUT CURRENT (mA)
0.0
1.0
2.0
3.0
4.0
0
100
200
300
Figure 7. Current limit.
SL01708
LOAD CURRENT (mA)
100
10
1
0.1
0.01
0
50
100
150
STABLE
UNSTABLE
UNSTABLE
Figure 8. ESR stability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com