Electronic Components Datasheet Search
  English  ▼

X  

SA57005DH Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA57005DH
Description  Multiple output low noise, low dropout linear regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA57005DH Datasheet(HTML) 3 Page - NXP Semiconductors

  SA57005DH Datasheet HTML 1Page - NXP Semiconductors SA57005DH Datasheet HTML 2Page - NXP Semiconductors SA57005DH Datasheet HTML 3Page - NXP Semiconductors SA57005DH Datasheet HTML 4Page - NXP Semiconductors SA57005DH Datasheet HTML 5Page - NXP Semiconductors SA57005DH Datasheet HTML 6Page - NXP Semiconductors SA57005DH Datasheet HTML 7Page - NXP Semiconductors SA57005DH Datasheet HTML 8Page - NXP Semiconductors SA57005DH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product data
SA57005
Multiple output low noise, low dropout linear regulator
2002 Jun 20
3
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
TYPE NUMBER
NAME
DESCRIPTION
TEMPERATURE RANGE
SA57005DH
VSOP-8A
8-pin surface mount small outline package
–20 to +75
°C
Part number marking
Each device is marked with a four letter code on the first line. The
first three letters designate the product. The fourth letter,
represented by ‘x’ is a date tracking code. Any other lines contain
manufacturing codes.
Part Number
Marking
SA57005DH
AHXx
PIN CONFIGURATION
SL01697
1
2
3
45
6
7
8
PS1
PS2/3
NC
VIN
GND
Vo1
Vo2
Vo3
TOP VIEW
SA57005
Figure 2. Pin configuration.
PIN DESCRIPTION
PIN
SYMBOL
DESCRIPTION
1
PS1
ON/OFF control for Vo1;
tie to VIN if ON/OFF function is not used.
2
PS2/3
ON/OFF control for Vo2 and Vo3;
tie to VIN if ON/OFF function is not used.
3
NC
No connection
4
VIN
Input voltage
5
Vo3
Regulated output 3
6
Vo2
Regulated output 2
7
Vo1
Regulated output 1
8
GND
Ground
MAXIMUM RATINGS
SYMBOL
PARAMETER
CONDITIONS
Min.
Max.
UNIT
VIN
Supply voltage
–0.3
+12
V
IO1, IO2
Output current 1, 2
–
100
mA
IO3
Output current 3
–
150
mA
Topr
Operating ambient temperature range
–20
+75
°C
Tstg
Storage temperature
–40
+125
°C
PD
Power dissipation
unmounted
–
300
mW
when mounted on glass epoxy board
(40
× 40 × 1.6 mm)
–
500
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com