Electronic Components Datasheet Search
  English  ▼

X  

MMBF2201N Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMBF2201N
Description  Power MOSFET 300 mAmps, 20 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBF2201N Datasheet(HTML) 3 Page - ON Semiconductor

  MMBF2201N Datasheet HTML 1Page - ON Semiconductor MMBF2201N Datasheet HTML 2Page - ON Semiconductor MMBF2201N Datasheet HTML 3Page - ON Semiconductor MMBF2201N Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MMBF2201N, NVF2201N
http://onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 3. On Resistance versus Gate−Source
Voltage
GATE-SOURCE VOLTAGE (VOLTS)
Figure 4. On Resistance versus Drain Current
ID, DRAIN CURRENT (AMPS)
Figure 5. Source−Drain Forward Voltage
VSD, SOURCE-DRAIN FORWARD VOLTAGE (VOLTS)
Figure 6. Capacitance Variation
VDS, DRAIN-SOURCE VOLTAGE (VOLTS)
Figure 7. Transfer Characteristics
VGS, GATE-SOURCE VOLTAGE (VOLTS)
2
4
6
8
10
0
7
09
68
10
0.2
0.4
0.6
0.8
1.0
1.2
0
0.1
0
0.5
0.01
0.1
1.0
0.001
0.1
0
20
25
30
35
40
45
0
4
0
8
12
16
20
24
1
3
5
0.2
0.3
0.4
0.8
0.6
0.7
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
2
6
10
14
18
5
10
15
0.2
0.4
0.6
0.8
0.9
1.0
0
0.5
0
2.5
1.0
1.5
2.0
4.0
3.0
3.5
4.5
0.3
0.5
0.7
0.1
ID = 300 mA
VGS = 4.5 V
VGS = 10 V
VGS = 0 V
F = 1 mHz
Ciss
Coss
Crss
-55
150
25



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com