Electronic Components Datasheet Search
  English  ▼

X  

NVMFS4C01N Datasheet(PDF) 1 Page - ON Semiconductor

Part # NVMFS4C01N
Description  Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS4C01N Datasheet(HTML) 1 Page - ON Semiconductor

  NVMFS4C01N Datasheet HTML 1Page - ON Semiconductor NVMFS4C01N Datasheet HTML 2Page - ON Semiconductor NVMFS4C01N Datasheet HTML 3Page - ON Semiconductor NVMFS4C01N Datasheet HTML 4Page - ON Semiconductor NVMFS4C01N Datasheet HTML 5Page - ON Semiconductor NVMFS4C01N Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2016
April, 2016 − Rev. 2
1
Publication Order Number:
NVMFS4C01N/D
NVMFS4C01N
Power MOSFET
30 V, 0.67 m
W, 370 A, Single N−Channel,
Logic Level, SO−8FL
Features
• Small Footprint (5x6 mm) for Compact Design
• Low RDS(on) to Minimize Conduction Losses
• Low QG and Capacitance to Minimize Driver Losses
• NVMFS4C01NWF − Wettable Flanks Option for Enhanced Optical
Inspection
• AEC−Q101 Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
30
V
Gate−to−Source Voltage
VGS
"20
V
Continuous Drain Cur-
rent RqJC (Notes 1, 3)
Steady
State
TC = 25°C
ID
370
A
Power Dissipation
RqJC (Notes 1, 3)
TC = 25°C
PD
161
W
Continuous Drain Cur-
rent RqJA (Notes 1, 2,
3)
Steady
State
TA = 25°C
ID
57
A
Power Dissipation
RqJA (Notes 1, 2, 3)
TA = 25°C
PD
3.84
W
Pulsed Drain Current
TA = 25°C, tp = 10 ms
IDM
900
A
Operating Junction and Storage Temperature
TJ, Tstg
− 55 to
175
°C
Source Current (Body Diode)
IS
110
A
Single Pulse Drain−to−Source Avalanche
Energy (IL(pk) = 35 A)
EAS
862
mJ
Lead Temperature for Soldering Purposes
(1/8
″ from case for 10 s)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
THERMAL RESISTANCE MAXIMUM RATINGS (Note 1)
Parameter
Symbol
Value
Unit
Junction−to−Case − Steady State
RqJC
0.93
°C/W
Junction−to−Ambient − Steady State (Note 2)
RqJA
39
1. The entire application environment impacts the thermal resistance values shown,
they are not constants and are only valid for the particular conditions noted.
2. Surface−mounted on FR4 board using a 650 mm2, 2 oz. Cu pad.
3. Maximum current for pulses as long as 1 second is higher but is dependent
on pulse duration and duty cycle.
SO−8 FLAT LEAD
CASE 488AA
STYLE 1
MARKING
DIAGRAM
www.onsemi.com
4C01xx
AYWZZ
1
V(BR)DSS
RDS(ON) MAX
ID MAX
30 V
0.67 m
W @ 10 V
370 A
0.95 m
W @ 4.5 V
G (4)
S (1,2,3)
N−CHANNEL MOSFET
D (5)
S
S
S
G
D
D
D
D
Device
Package
Shipping†
ORDERING INFORMATION
NVMFS4C01NT1G
SO−8 FL
(Pb−Free)
1500 /
Tape & Reel
NVMFS4C01NT3G
SO−8 FL
(Pb−Free)
5000 /
Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
NVMFS4C01NWFT1G
SO−8 FL
(Pb−Free)
1500 /
Tape & Reel
NVMFS4C01NWFT3G
SO−8 FL
(Pb−Free)
5000 /
Tape & Reel
4C01N = Specific Device Code for
NVMFS4C01N
4C01WF= Specific Device Code of
NVMFS4C01NWF
A
= Assembly Location
Y
= Year
W
= Work Week
ZZ
= Lot Traceabililty


Similar Part No. - NVMFS4C01N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS4C03N ONSEMI-NVMFS4C03N Datasheet
80Kb / 6P
Single N?묬hannel Power MOSFET
September, 2014 ??Rev. 1
NVMFS4C03NT1G ONSEMI-NVMFS4C03NT1G Datasheet
80Kb / 6P
Single N?묬hannel Power MOSFET
September, 2014 ??Rev. 1
NVMFS4C03NT1G ONSEMI-NVMFS4C03NT1G Datasheet
85Kb / 6P
Power MOSFET
April, 2016 ??Rev. 2
NVMFS4C03NT3G ONSEMI-NVMFS4C03NT3G Datasheet
80Kb / 6P
Single N?묬hannel Power MOSFET
September, 2014 ??Rev. 1
NVMFS4C03NT3G ONSEMI-NVMFS4C03NT3G Datasheet
85Kb / 6P
Power MOSFET
April, 2016 ??Rev. 2
More results

Similar Description - NVMFS4C01N

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com