Electronic Components Datasheet Search
  English  ▼

X  

SA24C1024LEMF Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # SA24C1024LEMF
Description  1024Kb EEPROM IIC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SA24C1024LEMF Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button SA24C1024LEMF Datasheet HTML 14Page - List of Unclassifed Manufacturers SA24C1024LEMF Datasheet HTML 15Page - List of Unclassifed Manufacturers SA24C1024LEMF Datasheet HTML 16Page - List of Unclassifed Manufacturers SA24C1024LEMF Datasheet HTML 17Page - List of Unclassifed Manufacturers SA24C1024LEMF Datasheet HTML 18Page - List of Unclassifed Manufacturers SA24C1024LEMF Datasheet HTML 19Page - List of Unclassifed Manufacturers SA24C1024LEMF Datasheet HTML 20Page - List of Unclassifed Manufacturers SA24C1024LEMF Datasheet HTML 21Page - List of Unclassifed Manufacturers SA24C1024LEMF Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
SA24C1024 Datasheet
SAIFUN
18
Write Operations
Byte Write
Two address bytes are required after the
Slave address, which contains the Most
Significant Address bit (add16), for a byte
Write operation. These 17 address bits
select one out of the 128K locations in the
memory. The Master provides these
address bytes, and for each address byte
received, the SA24C1024 responds with an
ACK pulse. The Master then provides a
byte of data to be written into the memory.
Upon receipt of this data, the SA24C1024
again responds with an ACK pulse. The
Master then terminates the transfer by
generating a STOP condition, at which
time the SA24C1024 begins the internal
write cycle to the memory. While the
internal write cycle is in progress, the
SA24C1024 inputs are disabled, and the
device does not respond to any requests
from the Master for the duration of tWR. For
more
details
regarding
the
address,
acknowledge and data transfer sequence,
see Figure 13.
Page Write
To
minimize
write
cycle
time,
the
SA24C1024 offers a Page Write feature,
which allows simultaneous programming of
up to 128 contiguous bytes. To facilitate
this feature, the memory array is organized
in terms of “pages.” A page consists of 128
contiguous byte locations starting at every
128-byte address boundary (for example,
starting
at
array
address
0x00000,
0x00080, 0x00100, and so on).
The Page Write operation is confined to a
single page, which means that it does not
cross over to locations on the next page
but rolls over to the beginning of the page
whenever the end of the page is reached
and additional data bytes continue to be
provided. A Page Write operation can be
initiated to begin at any location within a
page (the starting address of the Page
Write operation does not have to be the
starting address of a page).
Page Write is initiated in the same manner
as the Byte Write operation; however,
rather than terminate the cycle after
transmitting the first data byte, the Master
can further transmit up to 127 more bytes.
After the receipt of each byte, the
SA24C1024 responds with an ACK pulse,
increments the internal address counter to
the next address, and is ready to accept
the next data. If the Master transmits more
than 128 bytes prior to generating the
STOP condition, the address counter rolls
over and previously loaded data is
re-loaded.
As
with
the
Byte
Write
operation, all inputs are disabled until
completion of the internal write cycle. For
more
details
regarding
the
address,
acknowledge, and data transfer sequence,
see Figure 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com