Electronic Components Datasheet Search
  English  ▼

X  

SC3010 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # SC3010
Description  INFRARED REMOTE CONTROL TRANSMITTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC3010 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button SC3010 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC3010 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC3010 Datasheet HTML 9Page - List of Unclassifed Manufacturers SC3010 Datasheet HTML 10Page - List of Unclassifed Manufacturers SC3010 Datasheet HTML 11Page - List of Unclassifed Manufacturers SC3010 Datasheet HTML 12Page - List of Unclassifed Manufacturers SC3010 Datasheet HTML 13Page - List of Unclassifed Manufacturers SC3010 Datasheet HTML 14Page - List of Unclassifed Manufacturers SC3010 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Silan
Semiconductors
SC3010
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.1
2002-02-28
12
CHIP TOPOGRAPHY
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
28
27
26
size: 1.71 x 1.69 mm
2
PAD COORDINATES (Unit: µm)
No.
Symbol
X
Y
No.
Symbol
X
Y
1
P1
-674.50
-407.50
15
P15
693.50
-49.00
2
P2
-674.50
-554.00
16
P16
693.50
91.00
3
P3
-674.50
-704.00
17
P17
693.50
231.00
4
P4
-450.50
-704.00
18
P18
537.00
680.50
5
P5
-309.75
-704.25
19
P19
386.75
680.50
6
P6
-146.50
-704.25
20
P20
246.75
680.50
7
P7
-18.75
-704.25
21
P21
97.25
680.50
8
P8
221.75
-704.25
22
P22
-42.75
680.50
9
P9
400.25
-704.25
23
P23
-192.25
680.50
10
P10
539.25
-704.25
24
P24
-332.00
680.50
11
P11
679.00
-704.25
25
P25
-481.50
680.50
12
P12
693.50
-468.75
26
P26
-674.50
614.50
13
P13
693.50
-329.00
27
P27
-674.50
449.00
14
P14
693.50
-189.00
28
P28
-674.50
267.375
Note: The original point of the coordinate is the die center.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com