Electronic Components Datasheet Search
  English  ▼

X  

SI5853DC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI5853DC
Description  P-Channel 1.8-V (G-S) MOSFET With Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5853DC Datasheet(HTML) 2 Page - Vishay Siliconix

  SI5853DC Datasheet HTML 1Page - Vishay Siliconix SI5853DC Datasheet HTML 2Page - Vishay Siliconix SI5853DC Datasheet HTML 3Page - Vishay Siliconix SI5853DC Datasheet HTML 4Page - Vishay Siliconix SI5853DC Datasheet HTML 5Page - Vishay Siliconix SI5853DC Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Si5853DC
Vishay Siliconix
www.vishay.com
2-2
Document Number: 71239
S-21251—Rev. B, 05-Aug-02
THERMAL RESISTANCE RATINGS
Parameter
Device
Symbol
Typical
Maximum
Unit
t
5
MOSFET
50
60
J
ti
t A bi ta
t ≤ 5sec
Schottky
R
77
95
Junction-to-Ambienta
St d St t
MOSFET
RthJA
90
110
_
C/W
Steady State
Schottky
110
130
_
C/W
Junction to Foot
Steady State
MOSFET
R
30
40
Junction-to-Foot
Steady State
Schottky
RthJF
33
40
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
MOSFET SPECIFICATIONS (TJ =25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS =VGS,ID = --250 mA
--0.45
V
Gate-Body Leakage
IGSS
VDS =0 V, VGS = 8 V
100
nA
Zero Gate Voltage Drain Current
IDSS
VDS =--16 V, VGS =0 V
--1
mA
Zero Gate Voltage Drain Current
IDSS
VDS =--16 V, VGS =0 V, TJ =85_C
--5
mA
On-State Drain Currenta
ID(on)
VDS ≤ --5 V, VGS =--4.5 V
--10
A
VGS =--4.5 V, ID =--2.7 A
0.095
0.110
Drain-Source On-State Resistancea
rDS(on)
VGS =--2.5 V, ID =--2.2 A
0.137
0.160
Ω
DS(on)
VGS =--1.8 V, ID =--1 A
0.205
0.240
Forward Transconductancea
gfs
VDS =--10 V, ID =--2.7 A
7
S
Diode Forward Voltagea
VSD
IS =--0.9 A, VGS =0 V
--0.8
--1.2
V
Dynamicb
Total Gate Charge
Qg
4.4
6.5
Gate-Source Charge
Qgs
VDS =--10 V, VGS =--4.5 V, ID =--2.7 A
1.4
nC
Gate-Drain Charge
Qgd
DS
, GS
, D
0.65
Turn-On Delay Time
td(on)
16
25
Rise Time
tr
VDD =--10 V,RL =10 Ω
30
45
Turn-Off Delay Time
td(off)
VDD = --10 V, RL = 10 Ω
ID ≅ --1 A, VGEN =--4.5 V, RG =6 Ω
30
45
ns
Fall Time
tf
27
40
Source-Drain Reverse Recovery Time
trr
IF = --0.9 A, di/dt = 100 A/ms
20
40
Notes
a.
Pulse test; pulse width ≤ 300 ms, duty cycle ≤ 2%.
b.
Guaranteed by design, not subject to production testing.
SCHOTTKY SPECIFICATIONS (TJ =25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Forward Voltage Drop
VF
IF =0.5 A
0.42
0.48
V
Forward Voltage Drop
VF
IF =0.5 A, TJ = 125_C
0.33
0.4
V
Vr =20 V
0.002
0.100
Maximum Reverse Leakage Current
Irm
Vr =20 V,TJ =85_C
0.10
1
mA
g
rm
Vr =20 V,TJ = 125_C
1.5
10
Junction Capacitance
CT
Vr =10 V
31
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com