Electronic Components Datasheet Search
  English  ▼

X  

DA14580 Datasheet(PDF) 39 Page - Dialog Semiconductor

Part # DA14580
Description  Bluetooth Low Energy 4.2 SoC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14580 Datasheet(HTML) 39 Page - Dialog Semiconductor

Back Button DA14580_16 Datasheet HTML 35Page - Dialog Semiconductor DA14580_16 Datasheet HTML 36Page - Dialog Semiconductor DA14580_16 Datasheet HTML 37Page - Dialog Semiconductor DA14580_16 Datasheet HTML 38Page - Dialog Semiconductor DA14580_16 Datasheet HTML 39Page - Dialog Semiconductor DA14580_16 Datasheet HTML 40Page - Dialog Semiconductor DA14580_16 Datasheet HTML 41Page - Dialog Semiconductor DA14580_16 Datasheet HTML 42Page - Dialog Semiconductor DA14580_16 Datasheet HTML 43Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 155 page
background image
Datasheet
Revision 3.4
09-Nov-2016
CFR0011-120-01
39 of 155
© 2014 Dialog Semiconductor
DA14580
Bluetooth Low Energy 4.2 SoC
FINAL
3
R/W
EDSSI_DLH3
Interrupt Enable Register: EDSSI, Enable Modem Status
Interrupt. This is used to enable/disable the generation of
Modem Status Interrupt. This is the fourth highest priority
interrupt. 0 = disabled 1 = enabled Divisor Latch (High):
Bit[3] of the 8 bit DLH register
0x0
2
R/W
ELSI_DHL2
Interrupt Enable Register: ELSI, Enable Receiver Line Sta-
tus Interrupt. This is used to enable/disable the generation of
Receiver Line Status Interrupt. This is the highest priority
interrupt. 0 = disabled 1 = enabled Divisor Latch (High):
Bit[2] of the 8 bit DLH register.
0x0
1
R/W
ETBEI_DLH1
Interrupt Enable Register: ETBEI, Enable Transmit Holding
Register Empty Interrupt. This is used to enable/disable the
generation of Transmitter Holding Register Empty Interrupt.
This is the third highest priority interrupt. 0 = disabled 1 =
enabled Divisor Latch (High): Bit[1] of the 8 bit DLH register.
0x0
0
R/W
ERBFI_DLH0
Interrupt Enable Register: ERBFI, Enable Received Data
Available Interrupt. This is used to enable/disable the gener-
ation of Received Data Available Interrupt and the Character
Timeout Interrupt (if in FIFO mode and FIFO's enabled).
These are the second highest priority interrupts. 0 = disabled
1 = enabled Divisor Latch (High): Bit[0] of the 8 bit DLH reg-
ister.
0x0
Table 48: UART_IER_DLH_REG (0x50001004)
Bit
Mode
Symbol
Description
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com