Electronic Components Datasheet Search
  English  ▼

X  

DA14585 Datasheet(PDF) 2 Page - Dialog Semiconductor

Part # DA14585
Description  Smallest, lowest power and most integrated Bluetooth 5 SoC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14585 Datasheet(HTML) 2 Page - Dialog Semiconductor

  DA14585 Datasheet HTML 1Page - Dialog Semiconductor DA14585 Datasheet HTML 2Page - Dialog Semiconductor DA14585 Datasheet HTML 3Page - Dialog Semiconductor DA14585 Datasheet HTML 4Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.dialog-semiconductor.com/bluetoothlowenergy
SoC Features
• Complies with Bluetooth 5.0, ETSI EN 300 328 and EN 300 440 Class 2 (Europe), FCC CFR47
Part 15 (US) and ARIB STD-T66 (Japan)
• Supports up to 8 Bluetooth LE connections
• Fast cold boot in less than 50 ms
• Processing units
-
16 MHz 32 bit ARM Cortex-M0 with SWD interface
-
Dedicated Link Layer Processor
-
AES-128 bit encryption Processor
• Memories
-
64 kB One-Time-Programmable (OTP) memory
-
96 kB Data/Retention SRAM
-
128 kB ROM Operating System and protocol stack
• Power management
-
Integrated Buck/Boost DCDC converter
-
P0, P1, P2 and P3 ports with 3.3 V tolerance
-
Easy decoupling of only 4 supply pins
-
Supports coin (typ. 3.0 V) and alkaline (typ. 1.5 V) battery cells
-
1.8 V cold boot support-buck mode
-
0.9 V cold boot support-boost mode
-
10-bit ADC for battery voltage measurement
• Digital controlled oscillators
-
16 MHz crystal (±20 ppm max) and RC oscillator
-
32 kHz crystal (±50 ppm)
-
RCX oscillator(±500 ppm max)
• Flexible Reset Circuitry
-
System & Power On Reset in a single pin
• General purpose, Capture and Sleep timers
-
Digital interfaces
-
Gen. purpose I/Os: 14 (WL-CSP34), 25 (QFN40), 32 (QFN48)
-
2 UARTs with hardware flow control up to 1 MBd
-
SPI+™ interface
-
I²C bus at 100 kHz, 400 kHz
-
3-axes capable Quadrature Decoder
• Analog interfaces
-
4-channel 10-bit ADC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com