Electronic Components Datasheet Search
  English  ▼

X  

SI7850DP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI7850DP
Description  N-Channel 60-V (D-S) Fast Switching MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7850DP Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7850DP Datasheet HTML 1Page - Vishay Siliconix SI7850DP Datasheet HTML 2Page - Vishay Siliconix SI7850DP Datasheet HTML 3Page - Vishay Siliconix SI7850DP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si7850DP
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 71625
S-03828—Rev. A, 28-May-01
MOSFET SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
60
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
VDS = 60 V, VGS = 0 V
1
m
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V, TJ = 55_C
20
mA
On-State Drain Currenta
ID(on)
VDS w 5 V, VGS = 10 V
40
A
a
VGS = 10 V, ID = 10.3 A
0.018
0.022
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 4.5 V, ID = 8.7 A
0.025
0.031
W
Forward Transconductancea
gfs
VDS = 15 V, ID = 10.3 A
26
S
Diode Forward Voltagea
VSD
IS = 3.8 A, VGS = 0 V
0.85
1.2
V
Dynamicb
Total Gate Charge
Qg
18
27
Gate-Source Charge
Qgs
VDS = 30 V, VGS = 10 V, ID = 10.3 A
3.4
nC
Gate-Drain Charge
Qgd
5.3
Gate-Resistance
RG
1.4
W
Turn-On Delay Time
td(on)
10
20
Rise Time
tr
V
= 30 V, R = 30
W
10
20
Turn-Off Delay Time
td(off)
VDD = 30 V, RL = 30 W
ID ^ 1 A, VGEN = 10 V, RG = 6 W
25
50
ns
Fall Time
tf
12
24
Source-Drain Reverse Recovery Time
trr
IF = 3.8 A, di/dt = 100 A/ms
50
80
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
8
16
24
32
40
012345
0
8
16
24
32
40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS = 10 thru 5 V
25
_C
TC = 150_C
4 V
–55
_C
3 V
Output Characteristics
Transfer Characteristics
VDS – Drain-to-Source Voltage (V)
VGS – Gate-to-Source Voltage (V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com