Electronic Components Datasheet Search
  English  ▼

X  

SI9130 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # SI9130
Description  Pin-Programmable Dual Controller-Portable PCs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9130 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button SI9130 Datasheet HTML 5Page - Vishay Siliconix SI9130 Datasheet HTML 6Page - Vishay Siliconix SI9130 Datasheet HTML 7Page - Vishay Siliconix SI9130 Datasheet HTML 8Page - Vishay Siliconix SI9130 Datasheet HTML 9Page - Vishay Siliconix SI9130 Datasheet HTML 10Page - Vishay Siliconix SI9130 Datasheet HTML 11Page - Vishay Siliconix SI9130 Datasheet HTML 12Page - Vishay Siliconix SI9130 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Si9130
Vishay Siliconix
Document Number: 70190
S-40805—Rev. F, 26-Apr-04
www.vishay.com
13
DESIGN CONSIDERATIONS
Inductor Design
Three specifications are required for inductor design: inductance
(L), peak inductor current (ILPEAK), and coil resistance (RL). The
equation for computing inductance is:
L +
VOUT VIN(MAX)–VOUT
VIN(MAX) (f) IOUT (LIR)
Where:
VOUT = Output voltage (3.3 V or 5 V);
VIN(MAX) = Maximum input voltage (V);
f =
Switching frequency, normally
300 kHz;
IOUT = Maximum dc load current (A);
LIR = Ratio of inductor pea-to-peak ac current to
average dc load current, typically 0.3.
When LIR is higher, smaller inductance values are acceptable, at
the expense of increased ripple and higher losses.
The peak inductor current (ILPEAK) is equal to the steady-state
load current (IOUT) plus one half of the peak-to-peak ac current
(ILPP). Typically, a designer will select the ac inductor current to be
30% of the steady-state current, which gives ILPEAK equal to 1.15
times IOUT.
The equation for computing peak inductor current is:
ILPEAK + IOUT )
VOUT VIN(MAX)–VOUT
(2)(f)(L) VIN(MAX)
OUTPUT CAPACITORS
The output capacitors determine loop stability and ripple voltage
at the output. In order to maintain stability, minimum capacitance
and maximum ESR requirements must be met according to the
following equations:
CF u
VREF
VOUT RCS (2)(p)(GPWP)
Where:
CF = Output filter capacitance (F)
VREF = Reference voltage, 3.3 V;
VOUT = Output voltage, 3.3 V or 5 V;
RCS = Sense resistor (W);
GBWP = Gain-bandwidth product, 60 kHz;
ESRCF = Output filter capacitor ESR (W).
ESRCF t
VOUT RCS
VREF
and,
Both minimum capacitance and maximum ESR requirements
must be met. In order to get the low ESR, a capacitance value two
to three times greater than the required minimum may be
necessary.
The equation for output ripple in continuous current mode is:
VOUT(RPL) + ILPP(MAX)
ESRCF )
1
(2
f
CF)
The equations for capacitive and resistive components of the
ripple in pulse-skipping mode are:
VOUT(RPL)(C) +
if VOUT(RPL)(R) < 0.5 VOUT(RPL)(C),
then VOUT(RPL) = VOUT(RPL)(C),
otherwise, VOUT(RPL) = VOUT(RPL)(C) +
VOUT(RPL)(R).
The total ripple, VOUT(RPL), can be approximated
as follows:
(4) 10–4 (L)
RCS2 CF
1
VOUT
)
1
VIN–VOUT
Volts
VOUT(RPL)(R) +
(0.02) ESRCF
RCS
Volts
Lower Voltage Input
The application circuit shown here can be easily modified to work
with 5.5-V to 12-V input voltages. Oscillation frequency should be
set at 200 kHz and increase the output capacitance to 660 mF on
the 5-V output to maintain stable performance up to 2 A of load
current. Operation on the 3.3-V supply will not be affected by this
reduced input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com