Electronic Components Datasheet Search
  English  ▼

X  

RF2001T2DNZ Datasheet(PDF) 1 Page - Rohm

Part # RF2001T2DNZ
Description  Super Fast Recovery Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RF2001T2DNZ Datasheet(HTML) 1 Page - Rohm

  RF2001T2DNZ Datasheet HTML 1Page - Rohm RF2001T2DNZ Datasheet HTML 2Page - Rohm RF2001T2DNZ Datasheet HTML 3Page - Rohm RF2001T2DNZ Datasheet HTML 4Page - Rohm RF2001T2DNZ Datasheet HTML 5Page - Rohm RF2001T2DNZ Datasheet HTML 6Page - Rohm RF2001T2DNZ Datasheet HTML 7Page - Rohm RF2001T2DNZ Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Data Sheet
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
Super Fast Recovery Diode
RF2001T2DNZ
lSeries
lDimensions (Unit : mm)
lStructure
Standard Fast Recovery
lApplication
General rectification
lFeatures
1) Cathode common dual type
2) Low VF
3) Low switching loss
lConstruction
lPackage Dimensions (Unit : mm)
Silicon epitaxial planar type
lAbsolute Maximum Ratings (T
a= 25°C)
Repetitive peak reverse voltage
VRM
V
Reverse voltage
VR
V
Operating junction temperature
Tj
°C
Storage temperature
Tstg
°C
lElectrical Characteristics (T
j = 25°C, per diode)
Symbol
Min.
Typ. Max.
Unit
Forward voltage
VF
-
0.86
0.93
V
Reverse current
IR
-
-
10
mA
Reverse recovery time
trr
-
20
30
ns
Thermal resistance
Rth(j-c)
-
-
1.75 °C/W
Parameter
Conditions
Non-repetitive forward surge current
IFSM
60Hz half sin wave, one cycle
Unit
Direct reverse voltage
200
Average forward rectified current
Io
60Hz half sin wave, resistive load,
20
A
1/2 IO per diode
Duty≦0.5
200
Parameter
Symbol
Conditions
Limits
A
non-repetitive at Tj=25°C, per diode
IF=10A
VR=200V
Junction to case
-
150
-
-55 to +150
IF=0.5A, IR=1A, Irr=0.25×IR
100
Manufacture date
ROHM : TO220FN
1
(1)
(2)
(3)
Anode Cathode Anode
540
7
2.45±0.5 2.45±0.5
1.2
1.3
0.8
(1) (2) (3)
4.5±
2.6±0.5
①
0.3
0.1
2.8±
0.2
0.1
0.75±
0.1
0.05
10.0±
0.3
0.1
φ3.2±0.2
1/4
2016.08 - Rev.A


Similar Part No. - RF2001T2DNZ

ManufacturerPart #DatasheetDescription
logo
Rohm
RF2001T2DNZ ROHM-RF2001T2DNZ Datasheet
1Mb / 21P
Isolated Flyback Type PWM Mode BM1P10CFJ Evaluation Board
Rev.001
More results

Similar Description - RF2001T2DNZ

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
DF10LC30 SHINDENGEN-DF10LC30 Datasheet
558Kb / 2P
Super Fast Recovery Diode
M2FL20U SHINDENGEN-M2FL20U Datasheet
605Kb / 2P
Super Fast Recovery Diode
logo
Rohm
RFU20TM5S ROHM-RFU20TM5S_11 Datasheet
1,019Kb / 4P
Super Fast Recovery Diode
RFUS20TM4S ROHM-RFUS20TM4S_11 Datasheet
993Kb / 4P
Super Fast Recovery Diode
RF2001NS3D ROHM-RF2001NS3D_11 Datasheet
1Mb / 5P
Super Fast Recovery Diode
RFN10NS3S ROHM-RFN10NS3S Datasheet
1Mb / 5P
Super Fast Recovery Diode
RFU02VS6S ROHM-RFU02VS6S Datasheet
1Mb / 5P
Super Fast Recovery Diode
RFUS10TF4S ROHM-RFUS10TF4S Datasheet
1Mb / 5P
Super Fast Recovery Diode
RFUS20NS4S ROHM-RFUS20NS4S_11 Datasheet
1Mb / 5P
Super Fast Recovery Diode
RF2L6STE25 ROHM-RF2L6STE25 Datasheet
358Kb / 4P
Super Fast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com