Electronic Components Datasheet Search
  English  ▼

X  

RF2001T3DNZ Datasheet(PDF) 4 Page - Rohm

Part # RF2001T3DNZ
Description  Super Fast Recovery Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RF2001T3DNZ Datasheet(HTML) 4 Page - Rohm

  RF2001T3DNZ Datasheet HTML 1Page - Rohm RF2001T3DNZ Datasheet HTML 2Page - Rohm RF2001T3DNZ Datasheet HTML 3Page - Rohm RF2001T3DNZ Datasheet HTML 4Page - Rohm RF2001T3DNZ Datasheet HTML 5Page - Rohm RF2001T3DNZ Datasheet HTML 6Page - Rohm RF2001T3DNZ Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
Data Sheet
RF2001T3DNZ
lElectrical Characteristic Curves
AVERAGE RECTIFIED
FORWARD CURRENT : I
o(A)
I
o-Pf CHARACTERISTICS
0
5
10
15
20
25
30
35
40
0
5
10
15
20
25
30
35
D = 0.1
D = 0.2
half sin wave
D = 0.5
D.C.
T
j = 150°C
4/4
2016.09 - Rev.A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com