Electronic Components Datasheet Search
  English  ▼

X  

WC705 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # WC705
Description  CERAMIC RF CHIP INDUCTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

WC705 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  WC705 Datasheet HTML 1Page - Pulse A Technitrol Company WC705 Datasheet HTML 2Page - Pulse A Technitrol Company WC705 Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WC705.B (12/14)
2
pulseelectronics.com
CERAMIC RF CHIP
INDUCTORS – 0201CC SERIES
USA 858 674 8100
Germany 49 7032 7806 0
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768
Electrical Specifications @ 25°C
Part
Number
Inductance
(nH)
Standard
Tolerance
Q
(Min.)
Test
Frequency
(MHz)
SRF
(MHz MIN)
RDC
(
Ω MAX)
IDC
(mA MAX)
PE-0201CC390JTT
39
±5% (J)
4
100
1500
1.72
100
PE-0201CC470JTT
47
±5% (J)
4
100
1300
1.9
100
PE-0201CC560JTT
56
±5% (J)
4
100
1100
2.27
80
PE-0201CC680JTT
68
±5% (J)
4
100
1100
2.66
80
PE-0201CC820JTT
82
±5% (J)
4
100
1000
3.37
70
PE-0201CC101JTT
100
±5% (J)
4
100
900
3.74
60
Notes:
1. Inductance measured using a HP4286A RF Impedance Analyzer. (Please note
that inductance information is not stamped on part, because of the extremely
small size).
2. Q measured using a HP4291A RF Impedance Analyzer with a HP16193A Test
Fixture.
3. SRF measured using a HP8753C Network Analyzer.
4. RDC measured using a Valhalla Scientific model 4100 ATC Digital Ohm meter.
5. Based on a 15°C maximum temperature rise.
0201CC Series
Mechanical
Dimensions:
Unless otherwise specified,
all tolerances are ±
Inches
mm
.010
0,25
0.024±0.001
0.006±0.002
0.15±0.05
(Unitinmm)
0.80
0.30
0.30
0.60±0.03
0.012±0.001
0.3±0.03
0.012±0.001
0.3±0.03



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com