Electronic Components Datasheet Search
  English  ▼

X  

SPT7760 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SPT7760
Description  8-BIT, 1 GSPS FLASH A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPT7760 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SPT7760 Datasheet HTML 1Page - List of Unclassifed Manufacturers SPT7760 Datasheet HTML 2Page - List of Unclassifed Manufacturers SPT7760 Datasheet HTML 3Page - List of Unclassifed Manufacturers SPT7760 Datasheet HTML 4Page - List of Unclassifed Manufacturers SPT7760 Datasheet HTML 5Page - List of Unclassifed Manufacturers SPT7760 Datasheet HTML 6Page - List of Unclassifed Manufacturers SPT7760 Datasheet HTML 7Page - List of Unclassifed Manufacturers SPT7760 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SPT
2
3/10/97
SPT7760
Notes: 1. Operation at any Absolute Maximum Rating is not implied. See Electrical Specifications for proper nominal applied condi-
tions in typical applications.
ELECTRICAL SPECIFICATIONS
TJ = TC = TA = +25 °C , VEE=-5.2 V, VRB=-2.00 V, VRM=-1.0 V, VRT=0.00 V, fclk=1 GHz, Duty Cycle=50%, unless otherwise specified.
TEST
TEST
SPT7760A
SPT7760B
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
MIN
TYP
MAX UNITS
Resolution
8
8
Bits
DC Accuracy (+25
°C)
Integral Nonlinearity
fCLK = 100 kHz
I
-1.0
+1.0
-1.5
+1.5 LSB
Differential Nonlinearity
f
CLK = 100 kHz
I
-0.85
+0.95
-0.95
+1.5 LSB
No Missing Codes
Guaranteed
Guaranteed
Analog Input
Input Voltage Range
I
V
RB
V
RT
V
RB
V
RT
V
Input Bias Current
V
IN=0 V
I
.75
2.0
.75
2.0 mA
Input Resistance
V
15
15
k
Ω
Input Capacitance
Over Full Input Range
V
15
15
pF
Input Bandwidth
Small Signal
V
900
900
MHz
Large Signal
V
500
500
MHz
Offset Error V
RT
I
-30
+30
-30
+30 mV
Offset Error V
RB
I
-30
+30
-30
+30 mV
Input Slew Rate
V
5
5
V/ns
Clock Synchronous
Input Currents
V
2
2
µA
Reference Input
Ladder Resistance
I
60
80
60
80
Ω
Reference Bandwidth
V
30
30
MHz
Timing Characteristics
Maximum Sample Rate
I
1
1
GHz
Aperture Jitter
V
2
2
ps
Acquisition Time
V
250
250
ps
CLK to Data Ready Delay
IV
0.9
1.4
1.9
0.9
1.4
1.9 ns
Clock to Data Delay
IV
1.25
1.75
2.25
1.25
1.75
2.25 ns
Dynamic Performance
Signal-To-Noise Ratio
(without Harmonics)
f
IN = 50 MHz
I
45
43
dB
f
IN = 250 MHz
I
43
41
dB
Total Harmonic Distortion
f
IN = 50 MHz
I
-44
-42
dBc
f
IN = 250 MHz
I
-36
-34
dBc
ABSOLUTE MAXIMUM RATINGS (Beyond which damage may occur)1 25
°C
Output
Digital Output Current ........................................ 0 to -28 mA
Temperature
Operating Temperature, ambient ...................... .-25 to +85
°C
case ................................... +125
°C
junction ............................... +150
°C
Lead Temperature, (soldering 10 seconds). ............. +300
°C
Storage Temperature ...................................... -65 to +150
°C
Supply Voltages
Negative Supply Voltage (V
EE TO GND) ......... .-7.0 to +0.5 V
Ground Voltage Differential ............................. .-0.5 to +0.5 V
Input Voltage
Analog Input Voltage ........................................ +0.5 V to V
EE
Reference Input Voltage .................................. +0.5 V to V
EE
Digital Input Voltage ......................................... +0.5 V to V
EE
Reference Current V
RT to VRB .................................... 35 mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com