Electronic Components Datasheet Search
  English  ▼

X  

SSD1828 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SSD1828
Description  LCD Segment / Common Driver with Controller CMOS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1828 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SSD1828 Datasheet HTML 2Page - List of Unclassifed Manufacturers SSD1828 Datasheet HTML 3Page - List of Unclassifed Manufacturers SSD1828 Datasheet HTML 4Page - List of Unclassifed Manufacturers SSD1828 Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1828 Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1828 Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1828 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1828 Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1828 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
SOLOMON SYSTECH LIMITED
SOLOMON SYSTECH LIMITED
SOLOMON SYSTECH LIMITED
SOLOMON SYSTECH LIMITED
SEMICONDUCTOR TECHNICAL DATA
This document contains information on a new product. Specification and information herein are subject to change without notice.
Copyright
 2002 SOLOMON Systech Limited
Rev 1.10
07/2002
SSD1828
Advanced Information
LCD Segment / Common Driver with Controller
CMOS
1
General Description
SSD1828 is a single-chip CMOS LCD driver with controller for liquid crystal dot-matrix graphic display system.
SSD1828 consists of 162 high voltage driving output pins for driving 96 Segments, 64 Commons and 1 icon driving
with dual Common outputs.
SSD1828 displays data directly from its internal 96x65 bits Graphic Display Data RAM (GDDRAM).
Data/Commands are sent from general MCU through hardware selectable 6800-/8080-series compatible Parallel
Interface or 3/4 wires Serial Peripheral Interface.
SSD1828 embeds a DC-DC Converter, a LCD Voltage Regulator, an On-Chip Bias Divider and an On-Chip
Oscillator which reduce the number of external components. With the special design on minimizing power
consumption and die layout, SSD1828 is suitable for any portable battery-driven applications requiring a long op-
eration period and a compact size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com