Electronic Components Datasheet Search
  English  ▼

X  

STK6005 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # STK6005
Description  converting PC / Mac video images for a TFT-LCD display monitor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK6005 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button STK6005 Datasheet HTML 14Page - List of Unclassifed Manufacturers STK6005 Datasheet HTML 15Page - List of Unclassifed Manufacturers STK6005 Datasheet HTML 16Page - List of Unclassifed Manufacturers STK6005 Datasheet HTML 17Page - List of Unclassifed Manufacturers STK6005 Datasheet HTML 18Page - List of Unclassifed Manufacturers STK6005 Datasheet HTML 19Page - List of Unclassifed Manufacturers STK6005 Datasheet HTML 20Page - List of Unclassifed Manufacturers STK6005 Datasheet HTML 21Page - List of Unclassifed Manufacturers STK6005 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
18
STK6005
Notes:
1. The frequency derived from PLL frequency synthesizer is formulated as follows:
Fout (PCLK) = Fin * NF / (NR * NO).
Where
NF = PLL_M[8:0] + 2
NR = PLL_N[4:0] + 2
NO = 1 / 2 / 2 / 4 when PLL_OD[1:0] = 00 / 01 / 10 / 11
2. Meanwhile, the following constraints must be followed:
Fref = Fin / (NR * 2)
The comparison frequency (Fref) should be in the range of 800KHz to 8MHz.
Fvco = Fin * NF / NR
The output frequency of VCO should be in the range of 100MHz to 200MHz.
5.13 OSD Control
Display Area of OSD
The following diagram shows the display area definition of STK6005 OSD.
Register Width and Length of the unit is in characters; others are in lines or pixels. The values of
registers StartV and StartH are calculated from the synchronous point of panel output.
Architecture of the OSD (On-Screen Display)
STK6005 provides up to 256 sets of characters and attributes to display the OSD contents. Provided is
that 128 internal soft fonts (12 * 18 dots) can be selected to display for each character. The 8-bit attribute of
each character consists of the foreground color and background color indices mapped to 16 colors of the
pallet. The background transparent effect will be enabled when the background color index is set to 0xF.
Back to Contents Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com