Electronic Components Datasheet Search
  English  ▼

X  

T6818 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # T6818
Description  Triple Halfbridge DMOS OUTPUT DRIVER WITH SERIAL INPUT CONTROL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T6818 Datasheet(HTML) 4 Page - ATMEL Corporation

  T6818 Datasheet HTML 1Page - ATMEL Corporation T6818 Datasheet HTML 2Page - ATMEL Corporation T6818 Datasheet HTML 3Page - ATMEL Corporation T6818 Datasheet HTML 4Page - ATMEL Corporation T6818 Datasheet HTML 5Page - ATMEL Corporation T6818 Datasheet HTML 6Page - ATMEL Corporation T6818 Datasheet HTML 7Page - ATMEL Corporation T6818 Datasheet HTML 8Page - ATMEL Corporation T6818 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
T6818/T6828
4530C–BCD–11/03
Functional Description
Serial Interface
Data transfer starts with the falling edge of the CS signal. Data must appear at DI syn-
chronized to CLK and are accepted on the falling edge of the CLK signal. LSB (bit 0,
SRR) has to be transferred first. Execution of new input data is enabled on the rising
edge of the CS signal. When CS is high, pin DO is in tristate condition. This output is
enabled on the falling edge of CS. Output data will change their state with the rising
edge of CLK and stay stable until the next rising edge of CLK appears. LSB (bit 0, TP) is
transferred first.
Figure 3. Data Transfer
Table 1. Input Data Protocol
Bit
Input Register
Function
0SRR
Status register reset (high = reset; the bits PSF, OPL and SCD in
the output data register are set to low)
1
LS1
Controls output LS1 (high = switch output LS1 on)
2
HS1
Controls output HS1 (high = switch output HS1 on)
3
LS2
See LS1
4
HS2
See HS1
5
LS3
See LS1
6
HS3
See HS1
7
n. u.
Not used
8
n. u.
Not used
9
n. u.
Not used
10
n. u.
Not used
11
n. u.
Not used
12
n. u.
Not used
13
OCS
Overcurrent shutdown (high = overcurrent shutdown is active)
14
n. u.
Not used
15
n. u.
Not used
SRR
LS1
HS1
LS2
HS2
LS3
HS3
n. u.
n. u.
n. u.
n. u.
n. u.
n. u.
OCS
n. u.
n. u.
CS
DI
CLK
DO
TP
S1L
S1H
S2L
S2H
S3L
S3H
n. u.
n. u.
n. u.
n. u.
n. u.
n. u.
SCD
OPL
PSF
0
1234
567
89
10
11
12
13
14
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com