Electronic Components Datasheet Search
  English  ▼

X  

S0402 Datasheet(PDF) 1 Page - API Delevan

Part # S0402
Description  Hi-Rel Surface Mount Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

S0402 Datasheet(HTML) 1 Page - API Delevan

  S0402 Datasheet HTML 1Page - API Delevan S0402 Datasheet HTML 2Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Actual Size (Max.)
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
S0402
SERIES
8500
7000
4700
4800
4400
3900
3600
3280
2800
2480
2350
2100
1700
1620
250
250
250
250
250
250
250
250
250
250
250
250
250
250
18
18
14
19
20
20
21
23
24
23
23
19
21
20
2.2
3.3
4.7
6.8
8.2
10.0
12.0
15.0
22.0
27.0
33.0
47.0
56.0
68.0
950
800
600
600
600
475
475
475
400
400
400
150
100
100
SERIES S0402
-2N2J
-3N3J
-4N7J
-6N8J
-8N2J
-10NJ
-12NJ
-15NJ
-22NJ
-27NJ
-33NJ
-47NJ
-56NJ
-68NJ
0.090
0.080
0.150
0.100
0.130
0.210
0.220
0.220
0.350
0.360
0.370
0.830
1.000
1.180
Inductance Tolerance Options H (± 3%), G (± 2%), F (± 1%)
Physical Parameters
Inches
Millimeters
D
0.006 - 0.010
0.152 - 0.254
A
0.037 - 0.043
0.940 -1.092
B
0.018 - 0.025
0.457 - 0.635
C
0.030 Max.
0.762 Max.
Operating Temperature Range –55°C to +125°C
Current Rating at 90°C Ambient +35°C Rise
Insulation Resistance at 100 Vdc 1000 Mohm Min.
Dielectric Withstanding Voltage (DWV) 200 Vrms.
Core Material / Termination
Al2 O3 / Sintered MoMn / Electroplated Ni /
Electroplated Au Finish (RoHS)
Termination Options: 1. Au Finish (RoHS)
2. SnPb Solder
3. Pb Free Solder (RoHS)
Electrical Characteristics Measured at +25°C
Hi-Rel Surface Mount
Chip Inductors
3/2012
Ordering Option Code
S
C
B
D
E
Screening Level
MIL-STD-981
MIL-STD-981
MIL-STD-981
MIL-STD-981
High
Class “S”
Class “S” Modified
Class “B”
Class “B” Modified
Temp
Test
Method
Thermal Shock
MIL-PRF-83446
25 Cycles 1/
25 Cycles
25 Cycles 1/
25 Cycles
5 Cycles
(-55°C to +125°C)
(-55°C to +125°C)
(-55°C to +125°C)
(-55°C to +125°C)
(-55°C to +175°C)
No-Load Burn-In
MIL-STD-981
125°C (96 hours)
125°C (96 hours)
125°C (96 hours)
125°C (96 hours)
200°C (96 hours)
Dielectric Withstanding Voltage
MIL-PRF-83446
200 Vrms
200 Vrms
Insulation Resistance
MIL-PRF-83446
1000 Mohms
1000 Mohms
Electrical Characteristics: L, Q, DCR, SRF
MIL-PRF-83446
•
•
•
•
•
Radiographic Inspection
MIL-STD-981
•
Visual & Dimensional Examination (external)
MIL-PRF-83446
•
•
•
•
Electrical Characteristics (initial): L, Q, DCR, SRF
MIL-PRF-83446
•
•
Low Temperature Operation
MIL-PRF-83446
•
•
Temperature Rise
MIL-PRF-83446
•
•
Overload
MIL-PRF-83446
•
•
•
Moisture Resistance
MIL-PRF-83446
•
Electrical Characteristics: L and Q
MIL-PRF-83446
•
•
High Temperature Exposure
MIL-PRF-83446
•
•
Electrical Characteristics (final)
MIL-PRF-83446
•
•
Bond Strength
MIL-PRF-83446
•
•
Visual & Mechanical Examination (external)
MIL-PRF-83446
•
•
Visual & Mechanical Examination (internal)
MIL-STD-981
•
Solderability
MIL-PRF-83446
•
•
Electrical Characteristics (initial): L, Q, DCR, SRF
MIL-PRF-83446
•
•
Life
MIL-PRF-83446
2000 Hours
500 Hours
500 Hours
(90°C Ambient)
(90°C Ambient)
(175°C Ambient)
Dielectric Withstanding Voltage
MIL-PRF-83446
80 Vrms
80 Vrms
Insulation Resistance
MIL-PRF-83446
1000 Mohms
1000 Mohms
Electrical Characteristics (final): L, Q, DCR, SRF
MIL-PRF-83446
•
•
Visual & Mechanical Examination (external)
MIL-PRF-83446
•
•
Mechanical Shock/Vibration
MIL-STD-883
•
*Destructive Test Units Required
S0402 Test Plan Advantages
• Provides multiple screening alternatives
• Eliminates necessity for SCD’s
• Provides quicker delivery
• Reduces overall costs
*
S0402 Test Plan Options
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
(A) Inductor Series
(B) Inductance Value
(C) Inductance Tolerance
(D) Termination Finish
(E) Test Plan Screening
How To Order:
S0402
8N2
G
2
S
(A)
(B)
(C) (D) (E)
1/ Continually monitor continuity during the entire final cycle to verify no intermittent conditions.
0402:APIcatalog_newlayouts 4/5/12 5:53 PM Page 1


Similar Part No. - S0402

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
S0402BH STMICROELECTRONICS-S0402BH Datasheet
60Kb / 5P
SENSITIVE GATE SCR
Jan-1995
S0402DH STMICROELECTRONICS-S0402DH Datasheet
60Kb / 5P
SENSITIVE GATE SCR
Jan-1995
logo
GOOD-ARK Electronics
S0402F GOOD-ARK-S0402F Datasheet
168Kb / 3P
Chip Fuse
S0402F GOOD-ARK-S0402F_15 Datasheet
168Kb / 3P
Chip Fuse
logo
STMicroelectronics
S0402MH STMICROELECTRONICS-S0402MH Datasheet
60Kb / 5P
SENSITIVE GATE SCR
Jan-1995
More results

Similar Description - S0402

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMC1210 ETC1-SMC1210 Datasheet
17Kb / 1P
Surface Mount Chip Inductors
logo
OPTEK Technologies
OPI120TX OPTEK-OPI120TX Datasheet
242Kb / 2P
Hi-Rel Optically Coupled Isolator
1/16
logo
OptoDiode Corp
OD-50J OPTODIODE-OD-50J Datasheet
372Kb / 2P
HI-REL GaAlAs IR EMITTERS
OD-880WJ OPTODIODE-OD-880WJ Datasheet
255Kb / 2P
HI-REL GaAlAs IR EMITTERS
logo
Vectron International, ...
C499 VECTRON-C499 Datasheet
207Kb / 15P
Hi-Rel Standard OCXO
logo
API Delevan
S0603 API-S0603 Datasheet
1Mb / 2P
Hi-Rel Surface Mount Chip Inductors
logo
RENCO ELECTRONICS, INC.
RL-2505 RENCO-RL-2505 Datasheet
220Kb / 2P
SURFACE MOUNT CHIP INDUCTORS
RL-2515 RENCO-RL-2515 Datasheet
1Mb / 2P
SURFACE MOUNT CHIP INDUCTORS
RL-2525 RENCO-RL-2525 Datasheet
1Mb / 2P
SURFACE MOUNT CHIP INDUCTORS
logo
Vishay Siliconix
T56 VISHAY-T56_V01 Datasheet
658Kb / 19P
vPolyTanTM Polymer Surface Mount Chip Capacitors, Molded Case, Hi-Rel COTS
28-Nov-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com