Electronic Components Datasheet Search
  English  ▼

X  

T7024 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # T7024
Description  Bluetooth??ISM 2.4-GHz Front- End IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T7024 Datasheet(HTML) 4 Page - ATMEL Corporation

  T7024 Datasheet HTML 1Page - ATMEL Corporation T7024 Datasheet HTML 2Page - ATMEL Corporation T7024 Datasheet HTML 3Page - ATMEL Corporation T7024 Datasheet HTML 4Page - ATMEL Corporation T7024 Datasheet HTML 5Page - ATMEL Corporation T7024 Datasheet HTML 6Page - ATMEL Corporation T7024 Datasheet HTML 7Page - ATMEL Corporation T7024 Datasheet HTML 8Page - ATMEL Corporation T7024 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
T7024
4533D–BLURF–01/04
Electrical Characteristics
Test conditions (unless otherwise specified): VS = 3.0 V, Tamb = 25°C
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Power Amplifier
(1)
Supply voltage
Pins V1_PA, V2_PA, V3_PA_OUT
V
S
2.7
3.0
4.6
V
Supply current
TX
PSSO20
TX
QFN20
I
S_TX
I
S_TX
190
165
mA
mA
RX (PA off), V
RAMP ≤0.1 V
I
S_RX
10
µA
Standby current
Standby
I
S_standby
10
µA
Frequency range
TX
f
2.4
2.5
GHz
Gain-control range
TX
∆Gp
60
42
dB
Power gain maximum
TX, Pin PA_IN to V3_PA_OUT
Gp
28
30
33
dB
Power gain minimum
TX, Pin PA_IN to V3_PA_OUT
Gp
-40
-17
dB
Ramping voltage maximum
TX, power gain (maximum)
Pin RAMP
V
RAMP max
1.7
1.75
1.83
V
Ramping voltage minimum
TX, power gain (minimum)
Pin RAMP
VRAMP min
0.1
V
Ramping current maximum
TX, V
RAMP = 1.75 V, Pin RAMP
I
RAMP max
0.5
mA
Power-added efficiency
TX
PSSO20
TX
QFN20
PAE
PAE
30
35
35
40
%
%
Saturated output power
TX, input power = 0 dBm referred to
Pins V3_PA_OUT
P
sat
22
23
24
dBm
Input matching
(2)
TX, Pin PA_IN
Load
VSWR
<1.5:1
Output matching
(2)
TX, Pins V3_PA_OUT
Load
VSWR
<1.5:1
Harmonics at Psat = 23 dBm
TX, Pins V3_PA_OUT
2 fo
-30
dBc
TX, Pins V3_PA_OUT
3 fo
-30
dBc
T/R Switch Driver (Current Programming by External Resistor from R_SWITCH to GND)
Switch-out current output
Standby, Pin SWITCH_OUT
I
S_O_standby
1
µA
RX
I
S_O_RX
1
µA
TX at 100
Ω
I
S_O_100
1.7
mA
TX at 1.2 k
Ω
I
S_O_1k2
7
mA
TX at 33 k
Ω
I
S_O_33k
17
mA
TX at
∞
I
S_O_
R
19
mA
Low-noise Amplifier
(3)
Supply voltage
All, Pin VS_LNA
V
S
2.7
3.0
5.5
V
Supply current
RX
I
S
8
9
mA
Notes:
1. Power amplifier shall be unconditionally stable, maximum duty cycle 100%, true CW operation, maximum load mismatch
and duration: load VSWR = 10:1 (all phases) 10 s, Z
G = 50 Ω.
2. With external matching network, load impedance 50
Ω.
3. Low-noise amplifier shall be unconditionally stable.
4. With external matching components.
5. LNA gain can be adjusted with RX_ON voltage according to Figure 19 on page 11. Please note, that for RX_ON below
1.4 V the T/R switch driver switches to TX mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com