Electronic Components Datasheet Search
  English  ▼

X  

ML620Q503 Datasheet(PDF) 1 Page - LAPIS Semiconductor Co., Ltd.

Part # ML620Q503
Description  Ultra Low Power 16-bit Microcontroller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML620Q503 Datasheet(HTML) 1 Page - LAPIS Semiconductor Co., Ltd.

  ML620Q503 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML620Q503 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML620Q503 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML620Q503 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML620Q503 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML620Q503 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML620Q503 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML620Q503 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML620Q503 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
FEDL620Q504-01
Issue Date: Mar. 13, 2015
ML620Q503/Q504
Ultra Low Power 16-bit Microcontroller
1/34
GENERAL DESCRIPTION
This LSI family is a high-performance 16-bit CMOS microcontroller into which rich peripheral circuits, such as
synchronous serial port, UART, I
2C bus interface (master), supply voltage level detect circuit, RC oscillation
type A/D converter, and successive approximation type A/D converter are incorporated around 16-bit CPU
nX-U16/100.
The CPU nX-U16/100 is capable of efficient instruction execution in 1-instruction 1-clock mode by 3-stage pipe
line architecture parallel processing. The Flash ROM that is installed as program memory achieves low-voltage
low-power consumption operation (read operation) is most suitable for battery-driven applications. And, this LSI
has a data flash-memory fill area by a software which can be written in.
The on-chip debug function that is installed enables program debugging and programming.
FEATURES
• CPU
− 16-bit RISC CPU (CPU name: nX-U16/100)
− Instruction system: 16-bit instructions
− Instruction set:
Transfer, arithmetic operations, comparison, logic operations, multiplication/division,
bit manipulations, bit logic operations, jump, conditional jump, call return stack
manipulations, arithmetic shift, and so on
− Build-in On-Chip debug function
− Minimum instruction execution time
30.5
µs (@32.768 kHz system clock)
62.5ns (@16 MHz system clock)
• Built-in coprocessor for multiplication, division, and multiply-accumulate operations
− Signed or unsigned operation setting
− Multiplication: 16bit × 16bit (operation time 4 cycles)
− Division: 32bit / 16bit (operation time 8 cycles)
− Division: 32bit / 32bit (operation time 16 cycles)
− Multiply-accumulate (non-saturating): 16bit × 16bit + 32bit (operation time 4 cycles)
− Multiply-accumulate (saturating): 16bit × 16bit + 32bit (operation time 4 cycles)
• Internal memory
− Supports ISP function (re-writing the program memory area by software)
− Number of segments
Product name
Flash memory
SRAM
Program area
*
Data area
ML620Q503
32KB (16K
× 16bit)
2KB (1K
× 16bit)
2KB (1K
× 16bit)
ML620Q504
64KB (32K
× 16bit)
2KB (1K
× 16bit)
6KB (3K
× 16bit)
*: including 1KB of unusable test area
• Interrupt controller (INTC)
− 1 non-maskable interrupt sources (Internal source: 1)
− 37 maskable interrupt sources (Internal sources: 29, External sources: 8)
− Soft
ware interrupt (SWI): maximum 64 sources
− External interrupts and comparator allow edge selection and sampling selection
− Priority level (4-level) can be set for each interrupt
• Time base counter (TBC)
− Low-speed time base counter ×1 channel


Similar Part No. - ML620Q503

ManufacturerPart #DatasheetDescription
logo
Rohm
ML620Q503 ROHM-ML620Q503 Datasheet
914Kb / 34P
Ultra Low Power 16-bit Microcontroller
logo
List of Unclassifed Man...
ML620Q503 ETC2-ML620Q503 Datasheet
914Kb / 34P
Ultra Low Power 16-bit Microcontroller
logo
LAPIS Semiconductor Co....
ML620Q503H LAPIS-ML620Q503H Datasheet
903Kb / 35P
Ultra Low Power 16-bit Microcontrolle
More results

Similar Description - ML620Q503

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE88LC05 ETC1-XE88LC05 Datasheet
1Mb / 39P
16 10 bit Data Acquisition Ultra Low-Power Microcontroller
XE88LC01 ETC1-XE88LC01 Datasheet
880Kb / 36P
Sensing Machine 16 10 bit Data Acquisition Ultra Low-Power Microcontroller
logo
EM Microelectronic - MA...
EM6812 EMMICRO-EM6812 Datasheet
1Mb / 81P
Ultra Low Power 8-bit FLASH Microcontroller
logo
Maxim Integrated Produc...
DS4830 MAXIM-DS4830 Datasheet
1Mb / 29P
Optical Microcontroller 16-Bit MAXQ20 Low-Power Microcontroller
Rev 0; 6/11
logo
Rohm
ML620Q503 ROHM-ML620Q503 Datasheet
914Kb / 34P
Ultra Low Power 16-bit Microcontroller
logo
List of Unclassifed Man...
ML620Q503 ETC2-ML620Q503 Datasheet
914Kb / 34P
Ultra Low Power 16-bit Microcontroller
ML620Q536 ETC2-ML620Q536 Datasheet
628Kb / 9P
Ultra Low Power 16-bit Microcontroller
ML620Q546 ETC2-ML620Q546 Datasheet
628Kb / 9P
Ultra Low Power 16-bit Microcontroller
ML620Q538 ETC2-ML620Q538 Datasheet
628Kb / 9P
Ultra Low Power 16-bit Microcontroller
logo
LAPIS Semiconductor Co....
ML630Q464 LAPIS-ML630Q464 Datasheet
1Mb / 37P
Ultra Low Power 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com