Electronic Components Datasheet Search
  English  ▼

X  

LP2952I Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2952I
Description  Adjustable Micropower Low-Dropout Voltage Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2952I Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LP2952I Datasheet HTML 9Page - National Semiconductor (TI) LP2952I Datasheet HTML 10Page - National Semiconductor (TI) LP2952I Datasheet HTML 11Page - National Semiconductor (TI) LP2952I Datasheet HTML 12Page - National Semiconductor (TI) LP2952I Datasheet HTML 13Page - National Semiconductor (TI) LP2952I Datasheet HTML 14Page - National Semiconductor (TI) LP2952I Datasheet HTML 15Page - National Semiconductor (TI) LP2952I Datasheet HTML 16Page - National Semiconductor (TI) LP2952I Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Application Hints (Continued)
The next parameter which must be calculated is the maxi-
mum allowable temperature rise, T
R(max). This is calculated
by using the formula:
T
R(max) = TJ(max) − TA(max)
θ
(J–A) =TR(max)/P(max)
where: T
J(max)
is
the
maximum
allowable
junction
temperature
T
A(max) is the maximum ambient temperature
Using the calculated values for T
R(max) and P(max), the
required value for junction-to-ambient thermal resistance,
θ
(J–A), can now be found:
The heatsink is made using the PC board copper. The heat
is conducted from the die, through the lead frame (inside the
part), and out the pins which are soldered to the PC board.
The pins used for heat conduction are given in Table 1.
TABLE 1. Heat Conducting Pins
Part
Package
Pins
LP2952IN, LP2952AIN,
14-Pin DIP
3, 4, 5,
LP2952IN-3.3,
LP2952AIN-3.3
10, 11, 12
LP2953IN, LP2953AIN,
16-Pin DIP
4, 5, 12, 13
LP2953IN-3.3,
LP2953AIN-3.3
LP2952IM, LP2952AIM,
16-Pin Surface
Mount
1, 8, 9, 16
LP2952IM-3.3,
LP2952AIM-3.3,
LP2953IM, LP2953AIM,
LP2953IM-3.3,
LP2953AIM-3.3
Figure 2 shows copper patterns which may be used to
dissipate heat from the LP2952 and LP2953. Table 2 shows
some values of junction-to-ambient thermal resistance (
θ
J–A)
for values of L and W for 1 oz. copper.
TABLE 2. Thermal Resistance for Various Copper
Heatsink Patterns
Package
L (in.)
H (in.)
θ
J–A (˚C/W)
16-Pin DIP
1
0.5
70
21
60
3
1.5
58
4
0.19
66
6
0.19
66
14-Pin DIP
1
0.5
65
21
51
3
1.5
49
Surface Mount
1
0.5
83
21
70
3
1.5
67
6
0.19
69
4
0.19
71
2
0.19
73
HEATSINK REQUIREMENTS (Military Temperature
Range Devices)
The
maximum
allowable
power
dissipation
for
the
LP2953AMJ is limited by the maximum junction temperature
(+150˚C) and the two parameters that determine how quickly
heat flows away from the die: the ambient temperature and
the junction-to-ambient thermal resistance of the part.
01112707
FIGURE 1. P
TOTAL =(VIN −VOUT)IL +(VIN)IG
Current/Voltage Diagram
01112708
* For best results, useL=2H
** 14-Pin DIP is similar, refer to Table 1 for pins designated for
heatsinking.
FIGURE 2. Copper Heatsink Patterns
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com