Electronic Components Datasheet Search
  English  ▼

X  

MMST4401 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # MMST4401
Description  NPN Silicon Epitaxial Planar Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

MMST4401 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  MMST4401 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited MMST4401 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited MMST4401 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited MMST4401 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Production specification
NPN Silicon Epitaxial Planar Transistor
MMST4401
F053
www.gmicroelec.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=100μA,IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB=0
40
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100μA,IC=0
6
V
Collector cut-off current
ICEX
VCE=35V,VEB(OFF)=0.4V
0.1
μA
Base cut-off current
IBL
VCE=35V, VEB(OFF)=0.4V
0.1
μA
DC current gain
hFE
VCE=1V,IC=0.1mA
VCE=1V,IC=1.0mA
VCE=1V,IC=10mA
VCE=1V,IC=150mA
VCE=2V,IC=500mA
20
40
80
100
40
300
Collector-emitter saturation voltage
VCE(sat)
IC=150mA,IB=15mA
IC=500mA,IB=50mA
0.4
0.75
V
Base-emitter saturation voltage
VBE(sat)
IC=150mA,IB=15mA
IC=500mA,IB=50mA
0.95
1.2
V
Transition frequency
fT
VCE=10V, IE=20mA
f=100MHz
250
MHz
Collector output capacitance
Cob
VCB=5V, IE=0,f=1MHz
6.5
pF
Delay time
td
VCC=30V,VBE=2V,
IC=150mA,IB=15mA
15
nS
Rise time
tr
20
nS
Storage time
ts
VCC=30V,IC=150mA,
IB1=IB2=15mA
225
nS
Fall time
tf
30
nS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com