Electronic Components Datasheet Search
  English  ▼

X  

THS4121 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS4121
Description  HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4121 Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS4121 Datasheet HTML 2Page - Texas Instruments THS4121 Datasheet HTML 3Page - Texas Instruments THS4121 Datasheet HTML 4Page - Texas Instruments THS4121 Datasheet HTML 5Page - Texas Instruments THS4121 Datasheet HTML 6Page - Texas Instruments THS4121 Datasheet HTML 7Page - Texas Instruments THS4121 Datasheet HTML 8Page - Texas Instruments THS4121 Datasheet HTML 9Page - Texas Instruments THS4121 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
www.ti.com
VO − Output Voltage − V
−90
−80
−70
−60
−50
0
1
2
3
4
5
VDD = 3.3 V,
f = 1 MHz
Rf = 200 Ω,
RL = 800 Ω
Differential Input /
Differential Output
Single Input /
Differential Output
−80
−70
−60
−50
−40
−30
−20
100 k
1 M
10 M
f − Frequency − Hz
Differential Input/
Differential Output
Single−Ended Input /
Differential Output
VDD = 3.3 V,
VO = 4 VPP
Rf = 200 Ω,
RL = 800 Ω
G = 1
−120
−110
−100
−90
−80
−70
−60
−50
−40
100 k
1 M
10 M
f − Frequency − Hz
5th_HD
4th_HD
3rd_HD
3rd_HD
VDD = 3.3 V,
VO = 2 VPP,
RL = 800 Ω,
Rf = 270 Ω,
G = 1
3rd_HD
2nd_HD
Differential Input /
Differential Output
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
5th_HD
4th_HD
3rd_HD
2nd_HD
100 k
1 M
10 M
f − Frequency − Hz
VDD = 3.3 V,
VO = 4 VPP,
RL = 800 Ω,
Rf = 200 Ω,
G = 1
Differential Input /
Differential Output
THS4120
THS4121
SLOS319D – FEBRUARY 2001 – REVISED OCTOBER 2004
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
vs
vs
FREQUENCY
OUTPUT VOLTAGE
Figure 3.
Figure 4.
THS4121
THS4121
TOTAL HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
FREQUENCY
FREQUENCY
Figure 5.
Figure 6.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com