Electronic Components Datasheet Search
  English  ▼

X  

THS4302 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS4302
Description  WIDEBAND FIXED-GAIN AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4302 Datasheet(HTML) 3 Page - Texas Instruments

  THS4302 Datasheet HTML 1Page - Texas Instruments THS4302 Datasheet HTML 2Page - Texas Instruments THS4302 Datasheet HTML 3Page - Texas Instruments THS4302 Datasheet HTML 4Page - Texas Instruments THS4302 Datasheet HTML 5Page - Texas Instruments THS4302 Datasheet HTML 6Page - Texas Instruments THS4302 Datasheet HTML 7Page - Texas Instruments THS4302 Datasheet HTML 8Page - Texas Instruments THS4302 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
www.ti.com
PIN ASSIGNMENTS
1
2
3
4
5
6
7
8
12
11
10
9
16 15 14 13
NC = No connect
VS−
VS+
VOUT
ELECTRICAL CHARACTERISTICS
THS4302
SLOS403G – OCTOBER 2002 – REVISED JANUARY 2005
RGT PACKAGE
TOP VIEW
THS4302 (Gain = +5 V/V) Specifications: V
S = 5 V, RL = 100 Ω, (unless otherwise noted)
TYP
OVERTEMPERATURE
MIN/
PARAMETER
TEST CONDITIONS
0
°C to
-40
°C
25
°C
25
°C
UNITS
TYP/
70
°C
to 85
°C
MAX
AC PERFORMANCE
Small signal bandwidth
G = +5, VO = 200 mVRMS
2.4
GHz
Typ
Gain bandwidth product
12
GHz
Typ
Full-power bandwidth
G = +5, VO = 2 Vpp
875
MHz
Typ
Slew rate
G = +5, VO = 2 V Step
5500
V/µs
Min
Harmonic distortion
RL = 100 Ω
-66
dBc
Second harmonic distortion
Typ
G = +5, VO = 1 VPP,
RL = 1 kΩ
-75
dBc
f = 70 MHz
RL = 100 Ω
-81
dBc
Third harmonic distortion
Typ
RL = 1 kΩ
-85
dBc
VO = 1 VPP envel-
fc = 100 MHz
-88
dBc
Third order intermoduation (IMD3)
ope, 200 kHz tone
Typ
fc = 300 MHz
-73
dBc
spacing
fc = 100 MHz
39
dBm
VO = 1 VPP, 200 kHz
Third order output intercept (OIP3)
Typ
tone spacing
fc = 300 MHz
32
dBm
Total input referred noise
f = 1 MHz
2.8
nV/
√Hz
Typ
Noise figure
16
dB
Typ
DC PERFORMANCE
5
4.95
4.95
4.95
V/V
Min
Voltage gain
VI = ±50 mV, VCM = 2.5 V
5
5.05
5.05
5.05
V/V
Max
Input offset voltage
VCM = 2.5 V
2
4.25
5.25
5.25
mV
Max
Average offset voltage drift
VCM = 2.5 V
±20
±20
µV/
°C
Typ
Input bias current
VCM = 2.5 V
7
10
13
15
µA
Max
Average bias current drift
VCM = 2.5 V
±55
±55
nA/
°C
Typ
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com