Electronic Components Datasheet Search
  English  ▼

X  

AC155 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # AC155
Description  TO-8 CASCADABLE AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AC155 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  AC155 Datasheet HTML 1Page - Teledyne Technologies Incorporated AC155 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
408-522-3838 • Fax: 408-522-3839 • Check for updates: www.teledyne-cougar.com
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC TEST DATA
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
FREQUENCY - MHz
5
10
30
50
100
150
200
250
300
350
Gain vs Temperature Vcc = 5
4.0
3.0
2.0
1.0
Noise Figure
KEY: +25 ° C
+85 ° C
-55 ° C
21.0
20.0
19.0
18.0
17.0
16.0
15.0
14.0
Power Output at 1 dB Compression
60
50
40
30
20
10
Intercept Point Vcc = 5
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
2nd HAR
IP 3
IP 2
5
10
30
50
100
150
200
250
300
350
5
10
30
50
100
150
200
250
300
350
5
10
30
50
100
150
200
250
300
350
70
60
50
40
30
20
Intercept Point Vcc = 8
FREQUENCY - MHz
2nd HAR
IP 3
IP 2
5
10
30
50
100
150
200
250
300
350
16.0
15.0
14.0
13.0
12.0
11.0
+8 V
+ 5 V
+8 V
+5 V
Model: AC155
Vcc=+5V
Icc=34.64
FREQ
SWR
SWR
GAIN
PHASE
DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
5
1.65
1.75
14.54
-168
-31.1
10
1.45
1.56
15.08
-175
-29.4
30
1.38
1.48
15.20
173
1.1
-28.8
50
1.40
1.48
15.19
166
0.99
-28.6
100
1.53
1.49
15.03
150
0.90
-27.3
150
1.71
1.52
14.73
134
0.85
-25.9
200
1.95
1.58
14.33
119
0.86
-24.6
250
2.25
1.66
13.80
104
0.83
-23.4
300
2.58
1.78
13.13
89
0.81
-22.7
LINEAR S-PARAMETERS
Model: AC155
Vcc=+5V
Icc=34.64
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
5
0.24
-32.7
5.33
-167.8
0.028
-163.3
0.27
-18.9
10
0.19
-32.1
5.67
-175.4
0.034
-175.0
0.22
-18.5
30
0.16
-37.3
5.75
173.2
0.036
164.7
0.19
-19.0
50
0.17
-50.3
5.74
165.9
0.037
150.3
0.19
-25.9
100
0.21
-83.9
5.64
149.7
0.043
121.9
0.20
-46.3
150
0.26
-111.7
5.45
134.4
0.051
99.5
0.21
-69.2
200
0.32
-136.2
5.20
119.0
0.059
79.7
0.23
-92.2
250
0.38
-157.7
4.90
104.0
0.068
62.6
0.25
-114.8
300
0.44
-177.5
4.54
89.3
0.073
46.5
0.28
-136.1
350
0.49
165.3
4.14
75.1
0.078
32.9
0.31
-155.4
Model: AC155
Vcc=+8V
Icc=57.48
FREQ
SWR
SWR
GAIN
PHASE
DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
5
1.62
1.72
14.73
-167
-30.9
10
1.42
1.52
15.25
-175
-29.0
30
1.33
1.43
15.44
174
1.10
-28.3
50
1.34
1.43
15.39
167
0.93
-28.1
100
1.43
1.44
15.29
153
0.82
-27.1
150
1.57
1.47
15.10
138
0.80
-26.0
200
1.75
1.51
14.82
124
0.80
-24.9
250
1.99
1.58
14.44
110
0.79
-23.9
300
2.27
1.69
13.91
96
0.78
-23.1
LINEAR S-PARAMETERS
Model: AC155
Vcc=+8V
Icc=57.48
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
5
0.24
-35.8
5.45
-167.1
0.029
-163.9
0.26
-18.9
10
0.17
-34.9
5.78
-174.9
0.035
-174.4
0.21
-19.1
30
0.14
-36.4
5.91
174.2
0.038
167.4
0.18
-17.5
50
0.15
-47.7
5.88
167.4
0.039
154.1
0.18
-22.7
100
0.18
-79.1
5.81
152.6
0.044
128.9
0.18
-40.2
150
0.22
-106.4
5.69
138.3
0.050
107.7
0.19
-60.5
200
0.27
-130.7
5.51
123.9
0.057
88.3
0.20
-81.7
250
0.33
-152.2
5.27
109.6
0.064
71.8
0.23
-103.9
300
0.39
-171.8
4.96
95.6
0.070
55.8
0.26
-125.3
350
0.44
170.6
4.59
81.6
0.075
41.8
0.29
-145.2
AC155



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com